Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST-10000 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RST-10000
Description  3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RST-10000 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RST-10000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RST-10000 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
78
80
82
84
86
88
90
92
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
400V(Y)
230V(? )
PFC fosc : 70KHz
PWM fosc : 100KHz
O.V.P.
FG
I/P
-V
-S
CS
PV
+V
+S
RECTIFIERS
&
FILTER
SWITCHING
CIRCUIT
POWER
CONTROL
PFC
CONTROL
&
RECTIFIERS
PFC
FILTER
EMI
DETECTION
CIRCUIT
O.T.P.
CURRENT
LIMIT
PC
DC-OK
Remote ON-OFF
ISOLATOR
&
RELAY
AC-FAIL
FAN-FAIL
OTP
AUX POWER
(+12V/0.1A)
RECTIFIERS
AUX
&
FILTER
POWER
FAN
20
40
60
50
80
100
100
90
80
70
60
50
-30
010203040506070
196
210
220
230
240
250
260
270
280
290
305
91.07%/230VAC (
)
91.26%/400VAC(Y)
(HORIZONTAL)
3
ψ△
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (V) 60Hz
340
360
380
400
420
440
460
480
500
515
530
3Y
ψ
Derating Curve
Static Characteristics
LOAD
MODEL
INPUT
24V
9600W
9936W
10080W
400A
276A
210A
△196~305VAC
340~530VAC
36V
48V
Efficiency vs Load (48V Model)
10000W Power Supply with Single Output
RST-10000 series
File Name:RST-10000-SPEC 2016-10-27
Block Diagram


Similar Part No. - RST-10000

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
RST-100-800A/0.333V YHDC-RST-100-800A/0.333V Datasheet
707Kb / 1P
   Soft Roche Coil
More results

Similar Description - RST-10000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RST-5000 MEANWELL-RST-5000 Datasheet
416Kb / 10P
   3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
MC454 ETC1-MC454 Datasheet
329Kb / 2P
   EXPANDABLE 3-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Recom International Pow...
RAC10-K RECOM-RAC10-K Datasheet
503Kb / 6P
   Wide input range 85-305Vac
logo
Hitachi Semiconductor
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
List of Unclassifed Man...
MC459 ETC-MC459 Datasheet
122Kb / 2P
   4 wide 3-2-2-3 input expander for and-or-invert gae
logo
Bel Fuse Inc.
TCP3500 BEL-TCP3500 Datasheet
707Kb / 9P
   World-Wide 3-phase Input Voltage Range
logo
Hammond Manufacturing L...
1584C6TW HAMMOND-1584C6TW Datasheet
190Kb / 1P
   SJT or Equivalent, 14/3 Wire
1584C6S20 HAMMOND-1584C6S20 Datasheet
222Kb / 1P
   SJT or Equivalent, 12/3 Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com