Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST-5000-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RST-5000-24
Description  3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RST-5000-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RST-5000-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RST-5000-24 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5000W Single Output Power Supply
RST-5000 series
File Name:RST-5000-SPEC 2016-10-27
Fig 1.1
AC Power Connection
Fig 1.2
◎ψ
3
3-wire /
230VAC
T
RST-5000
S
R
FG
L1
N1
L2
N2
L3
N3
◎ψ
3
4-wire / Y 400VAC
T
N
S
R
RST-5000
FG
L1
N1
L2
N2
L3
N3
Function Manual
Fig 1.1
1.Remote Sense
※ The remote sense function compensates the voltage drop on the cable, between the power supply and the load, up to 0.3V.
※ If the remote sense function is not required,+S and +V of the output terminal, as well as -S and -V, need to be connected to be free from noise and
interference. (+S and +V of the output terminal, -S and -V are connected as factory default setting)
LOAD
-V
+V
Sense lines should be twisted in pairs to minimize
noise pick-up.
+V
CN313
CN314
CN315
-V
PIN5 -S
PIN3 +S
DIP SW
■Note : RST-5000 can also be operated by 1 2 wire 196~305VAC input. Please refer to the connection diagram below.
ψ -
Operating with 1
2 wire may lead to certain characteristics different from the specification, such as the larger Ripple and Noise. Should there be any
ψ -
issues, please contact MEAN WELL.
L
RST-5000
N
FG
L1
N1
L2
N2
L3
N3
Fig 1.3


Similar Part No. - RST-5000-24

ManufacturerPart #DatasheetDescription
logo
Lumberg
RST-5-RKT-5-647-1M LUMBERG-RST-5-RKT-5-647-1M Datasheet
341Kb / 2P
   M12-Round-Plug Connector, Double-Ended Cordsets,
More results

Similar Description - RST-5000-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RST-10000 MEANWELL-RST-10000 Datasheet
427Kb / 10P
   3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
MC454 ETC1-MC454 Datasheet
329Kb / 2P
   EXPANDABLE 3-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Recom International Pow...
RAC10-K RECOM-RAC10-K Datasheet
503Kb / 6P
   Wide input range 85-305Vac
logo
Hitachi Semiconductor
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
List of Unclassifed Man...
MC459 ETC-MC459 Datasheet
122Kb / 2P
   4 wide 3-2-2-3 input expander for and-or-invert gae
logo
Bel Fuse Inc.
TCP3500 BEL-TCP3500 Datasheet
707Kb / 9P
   World-Wide 3-phase Input Voltage Range
logo
Hammond Manufacturing L...
1584C6TW HAMMOND-1584C6TW Datasheet
190Kb / 1P
   SJT or Equivalent, 14/3 Wire
1584C6S20 HAMMOND-1584C6S20 Datasheet
222Kb / 1P
   SJT or Equivalent, 12/3 Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com