Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHP-8K1UI-12 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RHP-8K1UI-12
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RHP-8K1UI-12 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  RHP-8K1UI-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mechanical Specification
Case No.242A
Unit:mm
Module A
Module B
Module C
Module D
Module E
466.2
483.6
5-M4 L=4
4-M8 L=16
4-M8 L=16
440
5-M4 L=4
RHP-1UI
CN2
CN2
CN1
CN1
RHP-1UT
L
10
8.2
N
FG
L
10
8.2
N
FG
L
10
8.2
N
FG
L
10
8.2
N
FG
L
10
8.2
N
FG
File Name:RHP-1U RACK SYSTEM-SPEC 2016-
07-26
2
2
22
4
4
426
325
3
3
1
1
11
25
25
9.5
9.5
11.6
11.6
22
22
20.7
20.7
STATUS
STATUS
STATUS
STATUS
STATUS
10.2
35
SVR
SVR
SVR
SVR
SVR
Air flow
direction
14 max.
8.4
E
E
D
D
C
C
B
B
A
A
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
SWITCH
IEC320-C14
IEC320-C14
IEC320-C14
IEC320-C14
IEC320-C14
2
2
1
1
26
26
25
25
1
8
8
1
JK1
JK1
RHP-1U Rack System
1600~8000
W 1U Distributed Power/Charger System
Mounting Instruction
Hole No.
Recommended Screw Size
MAX. Penetration Depth L
Recommended mounting torque
1
4mm
M4
710
~ Kgf-cm
1
1
1
1
1
1
Chassis of RHP-1U RACK
L
Mounting Screw
Mounting Surface


Similar Part No. - RHP-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RHP-100A-100FNR AAC-RHP-100A-100FNR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FNT AAC-RHP-100A-100FNT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYR AAC-RHP-100A-100FYR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYT AAC-RHP-100A-100FYT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FZR AAC-RHP-100A-100FZR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
More results

Similar Description - RHP-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com