Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP-3K1UI-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-3K1UI-24
Description  UNIVERSAL AC INPUT / FULL RANGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-3K1UI-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RCP-3K1UI-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
File Name:RCP-1U Rack System-SPEC 2016-07-26
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
Function Manual
1. Remote ON/OFF Control
The PSU can be turned ON/OFF together or separately by using the "Remote ON-OFF" function.
2.1 Remote Sense
(1)Output voltage can be trimmed between 90~110% of its rated value by the following method.
(2)+S & +V, -S & -V also need to be connected on CN500.
The remote sense compensates voltage drop on the load wiring up to 0.5V.
2.2 Local Sense
Notice : The +S,-S, on CN500 have to be connected to the +V,-V terminals locally in order to get the correct output voltage if the remote sensing is not used.
Between Remote ON-OFF and -S
Switch Open
Switch Short
Output
OFF
ON
-S
-S
Remote ON-OFF A
Remote ON-OFF A
+V
-V
Remote ON-OFF B
Remote ON-OFF B
Remote ON-OFF C
Remote ON-OFF C
+S
-S
RCP-1U
System
RCP-1U
System
RCP-1U
System
1
22
25
1
88
15
20
21
15
21
21
2. Voltage Drop Compensation
-V
+V
RCP-1U System
+S
-S
LOAD
-V
+V
3. Output Voltage Programming (or, PV / remote voltage programming / remote adjust / margin programming / dynamic voltage trim)
+S
+V
RCP-1U System
LOAD
20
22
-S
-V
11
18
21
25
4
3.1 RCP-1000-12
R1
R1
R1
R2
R2
R2
V-TRIM-B
V-TRIM-C
V-TRIM-A
90
92
94
96
98
100
20
21
Sense lines should be twisted in pairs
Vout (%)
Vout (%)
180K
240K
350K
560K
1.2M
NC
R1 (
)
Ω
min. 0.1W
R2 (
)
Ω
min. 0.1W
100
102
104
106
108
110
NC
300K
120K
62K
31K
13K


Similar Part No. - RCP-3K1UI-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-3K1U-12 MEANWELL-RCP-3K1U-12 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-3K1U-24 MEANWELL-RCP-3K1U-24 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-3K1U-48 MEANWELL-RCP-3K1U-48 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
More results

Similar Description - RCP-3K1UI-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com