Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCB-1600-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RCB-1600-48
Description  CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCB-1600-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RCB-1600-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCB-1600-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCB-1600-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCB-1600-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCB-1600-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCB-1600-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Large scale DC UPS or emergency
backup system
Marine battery charger module
Electric scooter or vehicle charger station
Wastewater treatment system
Electrolysis system
■ Model Encoding
■ Description
RCB-1600 series is a single output 1600W AC/DC charger with 1U low profile (41mm). It is an intelligent
charger with embedded charging curves which are programmable; users are also able to adjust the charging
voltage and current via the built-in potentiometer, output programmable functions, or PMBus to charge
different types of batteries, such as lead-acid batteries and li-ion batteries. Various protection mechanisms
as well as the temperature compensation function are provided to assure the normal and safe operations.
The rack-mountable attribute allows RCB-1600 to perfectly suit the charging, backup or constant current
source applications exploiting the rack architecture or central management.
Charger for lead-acid batteries (Gel, flooded and AGM) and
Li-ion batteries (lithium iron and lithium manganese)
Built-in default 3 stage charging curves and programmable curve
Built-in I C interface, PMBus protocol
2
(Optional CANBus protocol)
Output voltage and current programmable
Universal AC input / Full range
(Withstand 300VAC surge input for 5 seconds)
Built-in active PFC function
Forced air cooling by built-in DC fan
Built-in OR-ing FET, support hot swap (hot plug)
Active current sharing up to 8000W for one 19” rack shelf
Protections: Battery under voltage / Battery no connection
/ Short circuit / Over voltage / Over temperature
Optional conformal coating
5 years warranty
■ Features
1600W Rack Mountable Front End Battery Charger
RCB-1600
File Name:RCB-1600-SPEC 2016-12-13
Output wattage
Nominal voltage
12
RCB -
-
1600
※ Note: 19" rack shelf, RHP-1U, available.
Series name
■ Applications
Safety: UL/EN/IEC 60950-1
EMC: EN 55022 / 55024
■ Certificates
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
3.35
Dimension
L
300
11.8
W
85
H
41 (1U)
(1U)
mm
inch
1.61
*
*
*
*
*
*


Similar Part No. - RCB-1600-48

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0506 SUPERWORLD-RCB0506 Datasheet
613Kb / 4P
   SMD POWER INDUCTORS
RCB0506100KZF SUPERWORLD-RCB0506100KZF Datasheet
613Kb / 4P
   SMD POWER INDUCTORS
RCB0506100KZF SUPERWORLD-RCB0506100KZF Datasheet
915Kb / 4P
   RADIAL CHOKE COIL
RCB0506101KZF SUPERWORLD-RCB0506101KZF Datasheet
613Kb / 4P
   SMD POWER INDUCTORS
RCB0506101KZF SUPERWORLD-RCB0506101KZF Datasheet
915Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB-1600-48

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Linear Technology
LTC4064 LINER-LTC4064 Datasheet
174Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
LTC4064 LINER-LTC4064_15 Datasheet
176Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com