Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLC-65-A-700 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # ODLC-65-A-700
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLC-65-A-700 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  ODLC-65-A-700 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLC-65-A-700 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLC-65-A-700 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLC-65-A-700 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLC-65-A-700 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLC-65-A-700 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.7
0.75
0.8
0.85
0.9
0.95
1
50%
60%
70%
80%
90%
100%
277V
230V
File Name:ODLC-65-SPEC 2016-10-26
65W Constant Current Mode LED Driver
ODLC-65 series
LOAD
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
POWER FACTOR (PF) CHARACTERISTIC
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
LOAD
(65W)
INPUT VOLTAGE (V)
LOAD
(HORIZONTAL)
-20
-10
0
1530457585
20
40
60
80
100
(HORIZONTAL)
20
40
60
80
100
-20
-10
0
5
10
20
30
45
AMBIENT TEMPERATURE,Ta (
)
Tcase (
)
180
295
100
90
80
70
60
50
40
200
230
260
ODLC-65 series possess superior working efficiency that up to 88% can
be reached in field applications.
※ 700mA Model, Tcase at 75℃
※ 700mA Model, Tcase at 75℃
0
2
4
6
8
10
12
14
16
18
50%
60%
70%
80%
90%
100%
277VAC
230VAC
70
74
78
82
86
90
94
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277V
230V
※ Tcase at 75℃


Similar Part No. - ODLC-65-A-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-45-1050 MEANWELL-ODLC-45-1050 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-45-1400 MEANWELL-ODLC-45-1400 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-45-350 MEANWELL-ODLC-45-350 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-45-500 MEANWELL-ODLC-45-500 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - ODLC-65-A-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com