Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CVA2415 Datasheet(PDF) 4 Page - Calogic, LLC

Part No. CVA2415
Description  Low Cost Triple 65MHz CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALOGIC [Calogic, LLC]
Homepage  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2415 Datasheet(HTML) 4 Page - Calogic, LLC

  CVA2415 Datasheet HTML 1Page - Calogic, LLC CVA2415 Datasheet HTML 2Page - Calogic, LLC CVA2415 Datasheet HTML 3Page - Calogic, LLC CVA2415 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIGURE 4. Typical Application CVA1203 - CVA2415 Application
TYPICAL APPLICATION
A typical application of the CVA2415 is shown in
Figure 4.
Used in conjunction with a CVA1203, a complete video
channel from monitor input to CRT cathode is shown. In this
application, feedback is local to theCVA1203. An alternative
scheme would be feedback from the output of the CVA2415 to
the positive clamp inputs of the CVA1203. This would provide
slightly better black level control of the system.
CVA2415
CORPORATION
1
2
3
4
5
6
7
8
9
10
13
14
11
12
28
27
26
25
24
23
22
21
20
19
16
15
18
17
CVA1203
0.1
µF
10K
10K
10K
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10K
0.1
µF
MAX
MIN
10K
BLACK LEVEL
GATE IN
10
µF
+
10
µF
75
30
Ω*
VIDEO
IN
R
+
10
µF
75
30
Ω*
VIDEO
IN
G
+
10
µF
75
30
Ω*
VIDEO
IN
B
+
CONTRAST
CONTROL
100
µF
+
100
51
RED DRIVE
100
51
GREEN DRIVE
500
390
500
TO RED
CASCODE
DRIVER
TO BLUE
CASCODE
DRIVER
0.1
µF
BLACK LEVEL
(BRIGHTNESS)
CONTROL
10K
10K
91
CUTOFF
ADJ.
V
CC
+12V
V
bias
V
in
Vout
R5
C6
C2
C
L
R6
D2
D1
L1
C4
12V
C3
Q1
V
CC
V
CC
R4
OUTPUT
5
GND
2,7,9
1,6,8
3,4,10
11
V
bias
V
in
R6
C4
12V
C3
Q1
2,7,9
1,6,8
V
bias
V
in
R6
C4
12V
C3
Q1
2,7,9
1,6,8
1/3
CVA2415
Vout
R5
C6
C2
C
L
D2
D1
L1
V
CC
V
CC
R4
OUTPUT
5
GND
3,4,10
11
1/3
CVA2415
Vout
R5
C6
C2
C
L
D2
D1
L1
V
CC
V
CC
R4
OUTPUT
5
GND
3,4,10
11
1/3
CVA2415
1B-50
CUTOFF
ADJ.
CUTOFF
ADJ.
TO GREEN
CASCODE
DRIVER
DC
RESTORE
C1
DC
RESTORE
DC
RESTORE
C1
C1
CALOGIC
CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
C1
µF
C2
µF
C3
µF
C4
µF
CL*
pF
C6
µF
R4
R5
K
R6
D1
D2
L1
nH
Q1
CVA2415
1.0
0.01
0.1
0.47
12
1.0
34
1.5
150
FDH400
FDH400
560
2N5770


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CVA2400ALow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA2400TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2401TLow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA2403TLow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA2411TImproved Low Cost Triple CRT Driver 1 2 3 4 5 MoreCalogic, LLC
CVA2405TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2411TXImproved Low Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2412AXLow Cost 100MHz Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2422TLLow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA3404TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn