Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50RIA10S90M Datasheet(PDF) 1 Page - International Rectifier

Part # 50RIA10S90M
Description  MEDIUM POWER THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50RIA10S90M Datasheet(HTML) 1 Page - International Rectifier

  50RIA10S90M Datasheet HTML 1Page - International Rectifier 50RIA10S90M Datasheet HTML 2Page - International Rectifier 50RIA10S90M Datasheet HTML 3Page - International Rectifier 50RIA10S90M Datasheet HTML 4Page - International Rectifier 50RIA10S90M Datasheet HTML 5Page - International Rectifier 50RIA10S90M Datasheet HTML 6Page - International Rectifier 50RIA10S90M Datasheet HTML 7Page - International Rectifier 50RIA10S90M Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEDIUM POWER THYRISTORS
Stud Version
50RIA SERIES
1
50 A
Bulletin I2401 rev. A 07/00
www.irf.com
50RIA
10 to 120
140 to 160
I
T(AV)
50
50
A
@ T
C
94
90
°C
I
T(RMS)
80
80
A
I
TSM
@ 50Hz
1430
1200
A
@ 60Hz
1490
1257
A
I2t@ 50Hz
10.18
7.21
KA2s
@ 60Hz
9.30
6.58
KA2s
V
DRM/VRRM
100 to 1200
1400 to 1600
V
tq
typical
110
µs
T
J
- 40 to 125
°C
Parameters
Units
Typical Applications
Phase control applications in converters
Lighting circuits
Battery charges
Regulated power supplies and temperature and
speed control circuit
Can be supplied to meet stringent military,
aerospace and other high-reliability requirements
Major Ratings and Characteristics
Case Style
TO-208AC (TO-65)
Features
High current rating
Excellent dynamic characteristics
dv/dt = 1000V/µs option
Superior surge capabilities
Standard package
Metric threads version available
Types up to 1600V V
DRM/ VRRM


Similar Part No. - 50RIA10S90M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50RIA10S90M VISHAY-50RIA10S90M Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
More results

Similar Description - 50RIA10S90M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com