Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC846BLT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # SBC846BLT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBC846BLT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SBC846BLT1G Datasheet HTML 5Page - ON Semiconductor SBC846BLT1G Datasheet HTML 6Page - ON Semiconductor SBC846BLT1G Datasheet HTML 7Page - ON Semiconductor SBC846BLT1G Datasheet HTML 8Page - ON Semiconductor SBC846BLT1G Datasheet HTML 9Page - ON Semiconductor SBC846BLT1G Datasheet HTML 10Page - ON Semiconductor SBC846BLT1G Datasheet HTML 11Page - ON Semiconductor SBC846BLT1G Datasheet HTML 12Page - ON Semiconductor SBC846BLT1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BC846ALT1G Series
www.onsemi.com
11
1 mS
Thermal Limit
1 S
Figure 37. Safe Operating Area for
BC846A, BC846B
Figure 38. Safe Operating Area for
BC847A, BC847B, BC847C, BC850B, BC850C
VCE, COLLECTOR EMITTER VOLTAGE (V)
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.001
0.01
0.1
1
100
10
1
0.1
0.001
0.01
0.1
1
Figure 39. Safe Operating Area for
BC848A, BC848B, BC848C, BC849B, BC849C
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.001
0.01
0.1
1
100 mS
10 mS
1 mS
Thermal Limit
1 S
100 mS
10 mS
1 mS
Thermal Limit
1 S
100 mS
10 mS


Similar Part No. - SBC846BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBC846BLT1G ONSEMI-SBC846BLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
SBC846BLT1G ONSEMI-SBC846BLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

Similar Description - SBC846BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com