Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW33LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCW33LT1G
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW33LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BCW33LT1G Datasheet HTML 1Page - ON Semiconductor BCW33LT1G Datasheet HTML 2Page - ON Semiconductor BCW33LT1G Datasheet HTML 3Page - ON Semiconductor BCW33LT1G Datasheet HTML 4Page - ON Semiconductor BCW33LT1G Datasheet HTML 5Page - ON Semiconductor BCW33LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BCW33LT1G, SBCW33LT1G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 2.0 mAdc, IB = 0)
V(BR)CEO
32
Vdc
Collector − Base Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CBO
32
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 32 Vdc, IE = 0)
(VCB = 32 Vdc, IE = 0, TA = 100°C)
ICBO
100
10
nAdc
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
hFE
420
800
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
VCE(sat)
0.25
Vdc
Base − Emitter On Voltage
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.55
0.70
Vdc
SMALL− SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Noise Figure
(VCE = 5.0 Vdc, IC = 0.2 mAdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
CS < 4.0 pF*
10 k
+3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
-0.5 V
<1.0 ns
10 < t1 < 500 ms
DUTY CYCLE = 2%
+10.9 V
0
-9.1 V
< 1.0 ns
t1


Similar Part No. - BCW33LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW33LT1G ONSEMI-BCW33LT1G Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
More results

Similar Description - BCW33LT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com