Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW72LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BCW72LT1G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW72LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  BCW72LT1G_16 Datasheet HTML 1Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 2Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 3Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 4Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 5Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 6Page - ON Semiconductor BCW72LT1G_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCW72LT1G, SBCW72LT1G
www.onsemi.com
4
TYPICAL STATIC CHARACTERISTICS
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.004
TJ = 125°C
-55
°C
25
°C
VCE = 1.0 V
VCE = 10 V
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 10. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 11. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TJ = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 12. Temperature Coefficients
50 mA
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
ms
DUTY CYCLE
≤ 2.0%
IB = 500 mA
400
mA
300
mA
200
mA
100
mA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
-55
°C to 25°C
25
°C to 125°C
-55
°C to 25°C
40
60
0.006 0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
-2.4
0.8
0
-1.6
-0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
200
100
80


Similar Part No. - BCW72LT1G_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW72LT1G ONSEMI-BCW72LT1G Datasheet
282Kb / 7P
   General Purpose Transistor
August, 2009 ??Rev. 3
More results

Similar Description - BCW72LT1G_16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com