Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE803G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE803G
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE803G Datasheet(HTML) 1 Page - ON Semiconductor

  MJE803G Datasheet HTML 1Page - ON Semiconductor MJE803G Datasheet HTML 2Page - ON Semiconductor MJE803G Datasheet HTML 3Page - ON Semiconductor MJE803G Datasheet HTML 4Page - ON Semiconductor MJE803G Datasheet HTML 5Page - ON Semiconductor MJE803G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 12
1
Publication Order Number:
MJE700/D
MJE700G, MJE702G,
MJE703G (PNP), MJE800G,
MJE802G, MJE803G (NPN)
Plastic Darlington
Complementary Silicon
Power Transistors
These devices are designed for general−purpose amplifier and
low−speed switching applications.
Features
High DC Current Gain − hFE = 2000 (Typ) @ IC
= 2.0 Adc
Monolithic Construction with Built−in Base−Emitter Resistors to
Limit Leakage − Multiplication
Choice of Packages − MJE700 and MJE800 Series
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE700G, MJE800G
MJE702G, MJE703G, MJE802G,
MJE803G
VCEO
60
80
Vdc
Collector−Base Voltage
MJE700G, MJE800G
MJE702G, MJE703G, MJE802G,
MJE803G
VCB
60
80
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
0.1
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
40
0.32
W
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.12
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
83.3
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
4.0 AMPERE
DARLINGTON POWER
TRANSISTORS
COMPLEMENTARY SILICON
40 WATT
http://onsemi.com
MARKING DIAGRAM
Y
= Year
WW
= Work Week
JEx0y = Device Code
x = 7 or 8
y = 0, 2, or 3
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TO−225
CASE 77−09
STYLE 1
1
2 3
YWW
JEx0yG
COLLECTOR 2, 4
BASE
3
EMITTER 1
COLLECTOR 2, 4
BASE
3
EMITTER 1
NPN
PNP
MJE800
MJE700
MJE802
MJE702
MJE803
MJE703


Similar Part No. - MJE803G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE803G ONSEMI-MJE803G Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
More results

Similar Description - MJE803G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com