Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBT5088LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMMBT5088LT1G
Description  Low Noise Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT5088LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  SMMBT5088LT1G Datasheet HTML 1Page - ON Semiconductor SMMBT5088LT1G Datasheet HTML 2Page - ON Semiconductor SMMBT5088LT1G Datasheet HTML 3Page - ON Semiconductor SMMBT5088LT1G Datasheet HTML 4Page - ON Semiconductor SMMBT5088LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT5088L, MMBT5089L
www.onsemi.com
4
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25
°C
-55
°C
0.7
0.5
0.5
0.2
0.3
0.01 0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
Figure 9. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.4
TJ = 25°C to 125°C
-55
°C to 25°C
-0.4
-2.0
1.0
2.0
5.0
3.0
7.0
10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 10. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.01
0
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10 20
50
100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
Figure 12. Capacitance
VR, REVERSE VOLTAGE (VOLTS)


Similar Part No. - SMMBT5088LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT5401L ONSEMI-SMMBT5401L Datasheet
139Kb / 6P
   High Voltage Transistor
October, 2016 ??Rev. 13
SMMBT5401LT1G ONSEMI-SMMBT5401LT1G Datasheet
118Kb / 6P
   High Voltage Transistor PNP Silicon
June, 2012 ??Rev. 11
SMMBT5401LT1G ONSEMI-SMMBT5401LT1G Datasheet
139Kb / 6P
   High Voltage Transistor
October, 2016 ??Rev. 13
SMMBT5551L ONSEMI-SMMBT5551L Datasheet
183Kb / 6P
   High Voltage Transistors
October, 2016 ??Rev. 12
SMMBT5551LT1G ONSEMI-SMMBT5551LT1G Datasheet
183Kb / 6P
   High Voltage Transistors
October, 2016 ??Rev. 12
More results

Similar Description - SMMBT5088LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com