Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBT6521LT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # SMMBT6521LT1G
Description  Amplifier Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT6521LT1G Datasheet(HTML) 6 Page - ON Semiconductor

  SMMBT6521LT1G Datasheet HTML 1Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 2Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 3Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 4Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 5Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 6Page - ON Semiconductor SMMBT6521LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT6521LT1G, SMMBT6521LT1G
www.onsemi.com
6
Figure 20. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k 2.0k
5.0k 10k
20k 50k 100k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−569)
ZqJA(t) = r(t) w RqJA
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
FIGURE 21
Figure 21.
TJ, JUNCTION TEMPERATURE (°C)
104
-4
0
Figure 22.
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
400
2.0
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by
the model as shown in Figure 21. Using the model and the de-
vice thermal response the normalized effective transient ther-
mal resistance of Figure 20 was calculated for various duty
cycles.
To find ZqJA(t), multiply the value obtained from Figure 20
by the steady state value RqJA.
Example:
The MPS6521 is dissipating 2.0 watts peak under the follow-
ing conditions:
t1 = 1.0 ms, t2 = 5.0 ms. (D = 0.2)
Using Figure 20 at a pulse width of 1.0 ms and D = 0.2, the
reading of r(t) is 0.22.
The peak rise in junction temperature is therefore
DT = r(t) x P(pk) x RqJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see ON Semiconductor Application
Note AN569/D, available from the Literature Distribution
Center or on our website at www.onsemi.com.
The safe operating area curves indicate IC−VCE limits of
the transistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 22 is based upon TJ(pk) = 150
°C; TC or
TA is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided TJ(pk)
≤ 150°C. TJ(pk)
may be calculated from the data in Figure 20. At high case or
ambient temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
10-2
10-1
100
101
102
103
-2
0
0
+ 20
+ 40
+ 60
+ 80 + 100 + 120 + 140 + 160
VCC = 30 Vdc
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 Vdc
TA = 25°C
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
10
ms
TC = 25°C
1.0 s
dc
dc
4.0
6.0
10
20
40
60
100
200
4.0
6.0
8.0
10
20
40
TJ = 150°C
100
ms


Similar Part No. - SMMBT6521LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT6427LT1G ONSEMI-SMMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
More results

Similar Description - SMMBT6521LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 1
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
   Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
   Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
   Amplifier Transistor
August, 2006 ??Rev. 1
logo
Fairchild Semiconductor
KSP05 FAIRCHILD-KSP05 Datasheet
35Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
MPS3390 MOTOROLA-MPS3390 Datasheet
169Kb / 5P
   AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1 Datasheet
97Kb / 8P
   Amplifier Transistor
January, 2001 ??Rev. 0
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
MPS4124 MOTOROLA-MPS4124 Datasheet
57Kb / 4P
   Amplifier Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com