Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW21194G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NJW21194G
Description  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW21194G Datasheet(HTML) 6 Page - ON Semiconductor

  NJW21194G Datasheet HTML 1Page - ON Semiconductor NJW21194G Datasheet HTML 2Page - ON Semiconductor NJW21194G Datasheet HTML 3Page - ON Semiconductor NJW21194G Datasheet HTML 4Page - ON Semiconductor NJW21194G Datasheet HTML 5Page - ON Semiconductor NJW21194G Datasheet HTML 6Page - ON Semiconductor NJW21194G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJW21193G (PNP) NJW21194G (NPN)
http://onsemi.com
6
AUDIO PRECISION
MODEL ONE PLUS
TOTAL HARMONIC
DISTORTION
ANALYZER
SOURCE
AMPLIFIER
50
W
0.5
W
0.5
W
8.0
W
-50 V
DUT
DUT
+50 V
Figure 18. Total Harmonic Distortion Test Circuit


Similar Part No. - NJW21194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW21194G ONSEMI-NJW21194G Datasheet
95Kb / 7P
   Silicon Power Transistors
January, 2008 - Rev. 0
logo
Inchange Semiconductor ...
NJW21194G ISC-NJW21194G Datasheet
277Kb / 2P
   isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
NJW21194G THINKISEMI-NJW21194G Datasheet
4Mb / 6P
   200 Watt Silicon Epitaxial Planar NPN Type Power Transistor
Rev.13T
More results

Similar Description - NJW21194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com