Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50RIA40M Datasheet(PDF) 4 Page - International Rectifier

Part # 50RIA40M
Description  MEDIUM POWER THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50RIA40M Datasheet(HTML) 4 Page - International Rectifier

  50RIA40M Datasheet HTML 1Page - International Rectifier 50RIA40M Datasheet HTML 2Page - International Rectifier 50RIA40M Datasheet HTML 3Page - International Rectifier 50RIA40M Datasheet HTML 4Page - International Rectifier 50RIA40M Datasheet HTML 5Page - International Rectifier 50RIA40M Datasheet HTML 6Page - International Rectifier 50RIA40M Datasheet HTML 7Page - International Rectifier 50RIA40M Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
50RIA Series
4
Bulletin I2401 rev. A 07/00
www.irf.com
T
J
Max. operating temperature range
- 40 to 125
°C
T
stg
Max. storage temperature range
- 40 to 125
°C
R
thJC
Max. thermal resistance,
0.35
K/W
DC operation
junction to case
R
thCS
Max. thermal resistance,
0.25
K/W
Mounting surface, smooth, flat and greased
case to heatsink
T
Mounting torque
Min.
2.8 (25)
Nm
Non-lubricated threads
Max.
3.4 (30)
(lbf-in)
wt
Approximate weight
28 (1.0)
g (oz)
Case style
TO-208AC (TO-65)
See Outline Table
Parameter
50RIA
Units Conditions
Thermal and Mechanical Specification
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
180°
0.078
0.057
K/W
T
J = TJ max.
120°
0.094
0.098
90°
0.120
0.130
60°
0.176
0.183
30°
0.294
0.296
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
Ordering Information Table
1
50
RIA 160 S90
M
Device Code
4
3
2
1
-
Current code
2
-
Essential part number
3
-
Voltage code: Code x 10 = V
RRM (See Voltage Rating Table)
4
-
Critical dv/dt: None = 500V/µs (Standard value)
S90 = 1000V/µs (Special selection)
5
-
None = Stud base TO-208AC (TO-65) 1/4" 28UNF-2A
M
= Stud base TO-208AC (TO-65) M6 X 1
5


Similar Part No. - 50RIA40M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50RIA40M VISHAY-50RIA40M Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
More results

Similar Description - 50RIA40M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com