Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS20200LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS20200LT1G
Description  PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS20200LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSS20200LT1G Datasheet HTML 1Page - ON Semiconductor NSS20200LT1G Datasheet HTML 2Page - ON Semiconductor NSS20200LT1G Datasheet HTML 3Page - ON Semiconductor NSS20200LT1G Datasheet HTML 4Page - ON Semiconductor NSS20200LT1G Datasheet HTML 5Page - ON Semiconductor NSS20200LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS20200LT1G, NSV20200LT1G
www.onsemi.com
2
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
−20
Vdc
Collector-Base Voltage
VCBO
−20
Vdc
Emitter-Base Voltage
VEBO
−7.0
Vdc
Collector Current − Continuous
IC
−2.0
A
Collector Current − Peak
ICM
−4.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
460
3.7
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
270
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
540
4.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
230
°C/W
Total Device Dissipation
(Single Pulse < 10 sec.)
PDsingle
(Note 3)
710
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. FR−4 @ 100 mm2, 1 oz. copper traces.
2. FR−4 @ 500 mm2, 1 oz. copper traces.
3. Thermal response.


Similar Part No. - NSS20200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
102Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
106Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 4
NSS20200LT1G ONSEMI-NSS20200LT1G_07 Datasheet
106Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
NSS20200LT1G ONSEMI-NSS20200LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 4
More results

Similar Description - NSS20200LT1G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com