Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITX12 Datasheet(PDF) 3 Page - XP Power Limited

Part # ITX12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITX12 Datasheet(HTML) 3 Page - XP Power Limited

  ITX12 Datasheet HTML 1Page - XP Power Limited ITX12 Datasheet HTML 2Page - XP Power Limited ITX12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ITX Series
www.xppower.com
DC-DC Converter
3
16-April-15
Printed Face
0.86 (21.85)
8
7
6
2
1
5
3
0.42
(10.6)
0.02
(0.5)
0.02 (0.5)
0.02 (0.5)
0.44
(11.1)
0.36 (9.2)
0.10
(2.54)
3.20
(0.13)
0.36
(9.20)
0.01
(0.25)
0.70 (17.78)
0.11 (3.0)
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3B
Radiated Immunity
EN61000-4-3
20 V/m
A
EFT/Burst
EN61000-4-4
3B
External input capacitor required, 330 µF/100 V
Surge
EN61000-4-5
2B
External input capacitor required, 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
See Application Note
Radiated
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.011 lbs (4.8 g) typical.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Input filter components (C1,C2,C3,C4,C5, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
EMI Filter
Mechanical Details
Application Note
PIN CONNECTIONS
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
N.P.
N.C.
5
N.P.
N.C.
6
+Vout
+Vout
7
- Vout
Common
8
N.C.
-Vout
PIN CONNECTIONS
Pin
Single -R
Dual -R
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote On/Off
Remote On/Off
5
N.C.
N.C.
6
+Vout
+Vout
7
- Vout
Common
8
N.C.
-Vout
C1
C2 & C3*
L
C4 & C5*
ITX05
220µF/100V
22 µF/25 V
10 µH
220 pF/3 kV
ITX12
-
10 µF/50 V
10 µH
220 pF/3 kV
ITX24
-
10 µF/50 V
10 µH
220 pF/3 kV
ITX48
-
2.2 µF/100 V
15 µH
220 pF/3 kV
ITX
+ Vout
-Vout
+ Vin
-Vin
C1
Load
L
C5
C2
C4
C3
* C2, C3, C4 & C5 are multilayer ceramic capacitors.


Similar Part No. - ITX12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ITX1203SA XPPOWER-ITX1203SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
ITX1205S XPPOWER-ITX1205S Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
ITX1205SA XPPOWER-ITX1205SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
ITX1209SA XPPOWER-ITX1209SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
ITX1212S XPPOWER-ITX1212S Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
More results

Similar Description - ITX12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com