Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT4815S Datasheet(PDF) 1 Page - XP Power Limited

Part # IT4815S
Description  Regulated Single & Dual Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IT4815S Datasheet(HTML) 1 Page - XP Power Limited

  IT4815S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21-Jan-11
Specification
3 Watts
Regulated Single & Dual Output
Wide 4:1 Input Range
SIP Package
1500 VDC Isolation
40 °C to 100 °C Operation
Remote On/Off
3 Year Warranty
IT Series
Input
Input Voltage Range
• See table
Input Reflected
• 20 mA pk-pk through 12 µH inductor and
Ripple Current
47 µF capacitor, 5 Hz to 20 MHz
Input Filter
• Capacitor
Input Surge
• 24 V models: 50 VDC for 100 ms
48 V models: 100 VDC for 100 ms
Output
Output Voltage
• See table
Minimum Load
• None(1)
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max from 10-100% load(1)
Setpoint Accuracy
• ±1% max
Ripple & Noise
• 50 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Short Circuit Protection
• Continuous with auto recovery (hiccup)
Cross Regulation
• ±5% on dual output models(2)
Remote On/Off
• Apply 2.7 to 15 VDC to pin 3 to turn
output off
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC
Isolation Resistance
• 109
Isolation Capacitance
• 500 pF, max
Switching Frequency
• 250 kHz typical
MTBF
• >1.2 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at 75 °C to 0% load at 100 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection cooled
xppower.com
Input
Voltage
Output
Voltage
Output
Current
No Load
Input
Current
Max
Capacitive
Load
Efficiency
Model
Number
9.0-36.0 V
3.3 V
700 mA
10 mA
2200 µF
77%
IT2403SA
5.0 V
600 mA
10 mA
1000 µF
82%
IT2405SA
12.0 V
250 mA
10 mA
165 µF
84%
IT2412SA
15.0 V
200 mA
10 mA
100 µF
85%
IT2415SA
±5.0 V
±300 mA
10 mA
±470 µF
81%
IT2405S
±12.0 V
±125 mA
10 mA
±100 µF
84%
IT2412S
±15.0 V
±100 mA
10 mA
±47 µF
84%
IT2415S
18.0-75.0 V
3.3 V
700 mA
5 mA
2200 µF
75%
IT4803SA
5.0 V
600 mA
8 mA
1000 µF
81%
IT4805SA
12.0 V
250 mA
5 mA
165 µF
84%
IT4812SA
15.0 V
200 mA
5 mA
100 µF
84%
IT4815SA
±5.0 V
±300 mA
5 mA
±470 µF
81%
IT4805S
±12.0 V
±125 mA
5 mA
±100 µF
84%
IT4812S
±15.0 V
±100 mA
5 mA
±47 µF
83%
IT4815S
Mechanical Details
1.02 (26.0)
0.49
(12.5)
0.07
(1.8)
0.16
(4.0)
1
2
3
6
7
8
9
0.3
(7.62)
2 x 0.1
(2 x 2.54)
3 x 0.1
(3 x 2.54)
12
3
6
7
8
9
0.36
(9.3)
0.02 (0.50)
0.012
(0.3)
0.11 (2.75)
0.36 (9.20)
Printed
Face
PIN CONNECTIONS
Pin
Single
Dual
Pin
Single
Dual
1
-V Input
-V Input
7
N.C.
Common
2
+V Input
+V Input
8
N.C.
N.C.
3
Remote On/Off
Remote On/Off
9
-V Output
-V Output
6
+V Output
+V Output
1. Operation at no load will not damage the converter but may not meet all
specifications.
2. When one output is set to 100% load and the other varies between
25%-100% load.
3. Pin pitch tolerance ±0.014 (±0.35)
4. Case tolerance ±0.02 (0.5)
5. Weight: 0.014 lbs (6.5 g)
6. All dimensions in inches (mm)
Notes


Similar Part No. - IT4815S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT48 ETC1-IT48 Datasheet
183Kb / 4P
   ISOTAB TRIACS ELECTRICALLY ISOLATED
IT48A ETC1-IT48A Datasheet
183Kb / 4P
   ISOTAB TRIACS ELECTRICALLY ISOLATED
IT48B ETC1-IT48B Datasheet
183Kb / 4P
   ISOTAB TRIACS ELECTRICALLY ISOLATED
IT48H ETC1-IT48H Datasheet
183Kb / 4P
   ISOTAB TRIACS ELECTRICALLY ISOLATED
IT48HA ETC1-IT48HA Datasheet
183Kb / 4P
   ISOTAB TRIACS ELECTRICALLY ISOLATED
More results

Similar Description - IT4815S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SF_IP XPPOWER-SF_IP Datasheet
252Kb / 1P
   Regulated Single & Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3D8W4 GAPTEC-3D8W4 Datasheet
545Kb / 4P
   3Watt - 4:1 Regulated Single & Dual output
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
logo
GAPTEC Electronic GmbH ...
6DMW GAPTEC-6DMW Datasheet
1Mb / 4P
   6W - Dual/Single Output - Wide Input - Isolated & Regulated
20DAWE GAPTEC-20DAWE Datasheet
3Mb / 6P
   20W - Single/Dual Output - Wide Input - Isolated & Regulated
60DAW4 GAPTEC-60DAW4 Datasheet
1Mb / 5P
   60W - Single/Dual Output - Wide Input - Isolated & Regulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com