Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AO8804 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part No. AO8804
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AOSMD [Alpha & Omega Semiconductors]
Homepage  http://www.aosmd.com
Logo 

AO8804 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSSOP-8 Package Data
NOTE:
1. LEAD FINISH: 150 MICROINCHES ( 3.8 um) MIN.
THICKNESS OF Tin/Lead (SOLDER) PLATED ON LEAD
2. TOLERANCE ±0.10 mm (4 mil) UNLESS OTHERWISE
SPECIFIED
3. COPLANARITY : 0.10 mm
4. DIMENSION L IS MEASURED IN GAGE PLANE
RECOMMENDED LAND PATTERN
PACKAGE MARKING DESCRIPTION
NOTE:
LOGO
- AOS LOGO
8804
- PART NUMBER CODE.
F
- FAB LOCATION
A
- ASSEMBLY LOCATION
W
- WEEK CODE.
L N
- ASSEMBLY LOT CODE
TSSOP-8 PART NO. CODE
PART NO.
AO8804
CODE
8804
UNIT: mm
ALPHA & OMEGA
SEMICONDUCTOR, INC.
θ
0.002
−−−
0.006
A1
0.05
−−−
0.15
y
θ
D
E1
L
e
E
b
c
A2
−−−
0.10
−−−
−−−
1.00
−−−
−−−
6.40 BSC
0.60
4.40
0.65 BSC
3.00
2.90
4.30
0.45
0.19
0.09
0.80
3.10
4.50
0.75
1.05
0.20
0.30
−−−
0.004
−−−
−−−
0.039
0.252 BSC
0.024
0.173
0.0259 (REF)
0.118
0.114
0.169
0.018
0.007
0.004
0.031
−−−
−−−
0.122
0.177
0.030
0.041
0.008
0.012
SYMBOLS
A
NOM
−−−
DIMENSIONS IN MILLIMETERS
MIN
−−−
1.20
MAX
NOM
DIMENSIONS IN INCHES
MIN
−−−
−−−
0.047
MAX
F A W L T
LOGO
8 8 0 4
Rev. A


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn