Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-6013 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-6013
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6013 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-6013 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6013 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6013 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6013 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6013 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
23.725±0.05
13
18
28.725
5.00
1.70
2.20
1.60
2
7
4
9
5
10
14
1
11
12
13
18
15
16
17
19
21
6
3
8
22
ISO View
Insulation Plate Specification
ITEM
NO.
Description
Material
1 CBT Socket Base 21mm centered pocket Ni Plated 7075-T6 Aluminum Alloy
2 Compression Screw
7075-T6 Aluminum Alloy
3 Latch
7075-T6 Aluminum Alloy
4 Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
5 Hinge Pin and Snap Ring, 3mm OD, 30mm long,
1045 Stl, Blk Oxide
AISI 1045 Steel, cold
drawn
6 Precision Compression Spring, Zinc-Plated Music
Wire, 1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
7 Spring Clamshell lid assembly
Steel Music Wire
8 Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
9 CBT socket lid for 19mm chip Ni Plated
7075-T6 Aluminum Alloy
10 CBT Compression plate 21mm Ni plated Centered
7075-T6 Aluminum Alloy
11 Floating Guide 21mm 0.8mm 25X25 array centered
PEEK Ceramic filled
12 Middle Guide 21mm 0.8mm 25X25 array centered
Semitron MDS 100
13 Bottom Guide 21MM, 25X25 ARY, 0.8MM
Semitron MDS 100
14 BGA Chip, 21MM 25X25ARRAY 0.8MM PITCH
Material <not specified>
15 PCB, 21MM 25x25 ARRAY 0.8MM PITCH
Material <not specified>
16 Insulation plate
Ultem
17 CBT/SBT Backing plate 21mm Ni plated
7075-T6, Plate (SS)
18 #0-80X0.25", 90 deg., head pin guide screw, Peek
material
PEEK unfilled
19 #0-80 X .625 LG, SOC HD CAP SCREW, ALLOY
STL, BLK OXIDE
Alloy Steel
20 Floating Guide Spring
Alloy Steel (SS)
21 SBT Pin, SBT-BGA 0.5mm-0.8mm
22 IC frame 21mm IC 12.44mm pocket
Ultem/cirlex
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance
±10%, all other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 9/6/2012
Material: Material <not specified>
Finish:
Weight: 131.02
CBT-BGA-6013 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6013
DRAWN BY: V. Panavala
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - CBT-BGA-6013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6010 IRONWOOD-CBT-BGA-6010 Datasheet
414Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6011 IRONWOOD-CBT-BGA-6011 Datasheet
358Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6012 IRONWOOD-CBT-BGA-6012 Datasheet
433Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6014 IRONWOOD-CBT-BGA-6014 Datasheet
286Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-BGA-6015 IRONWOOD-CBT-BGA-6015 Datasheet
527Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-BGA-6013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com