Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8520A29MC-AVOT2G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8520A29MC-AVOT2G
Description  SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8520A29MC-AVOT2G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8520A29MC-AVOT2G Datasheet HTML 1Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 2Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 3Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 4Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 5Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8520A29MC-AVOT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
4
Product Name Structure
The control types, product types, and output voltage for the S-8520/8521 Series can be selected at the user’s request.
Please refer to the “1. Product name” for the definition of the product name, “2. Package” regarding the package
drawings and “3. Product name list” for the full product names.
1. Product name
S-852
x
x
xx
MC
− xxx T2 x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC : SOT-23-5
Output voltage
15 to 60
(W hen the output voltage is 1.5 V, it is expressed as 15.)
Product type
A: Oscillation frequency of 180 kHz,
W ith overload protection circuit
B:
Oscillation frequency of 180 kHz,
W ithout overload protection circuit
C:
Oscillation frequency of 60 kHz,
W ith overload protection circuit
D:
Oscillation frequency of 60 kHz,
W ithout overload protection circuit
E: Oscillation frequency of 300 kHz,
W ith overload protection circuit
F:
Oscillation frequency of 300 kHz,
W ithout overload protection circuit
Control system
0: PW M control
1: PW M / PFM switching control
*1. Refer to the tape specifications.
*2. Refer to “3. Product name list”.
2. Package
Package Name
Drawing code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD


Similar Part No. - S-8520A29MC-AVOT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8520A29MC-AVOT2x SII-S-8520A29MC-AVOT2x Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8520A29MC-AVOT2G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com