Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8333CBBA-T8T1S Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8333CBBA-T8T1S
Description  PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBBA-T8T1S Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8333CBBA-T8T1S Datasheet HTML 1Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 2Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 3Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 4Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 5Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 6Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 7Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBBA-T8T1S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
S-8333 Series
www.sii-ic.com
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL,
PWM CONTROL SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2004-2015
Rev.4.2_01
1
The S-8333 Series is a CMOS step-up switching regulator which mainly consists of a reference voltage circuit, an oscillator,
an error amplifier, a PWM controller, an under voltage lockout circuit (UVLO), and a timer latch short-circuit protection
circuit. Because its minimum operating voltage is as low as 1.8 V, this switching regulator is ideal for the power supply of
an LCD or for portable systems that operate on a low voltage. The internal oscillation frequency can be set up to 1.08 MHz,
via the resistor connected to the ROSC pin.
The maximum duty ratio of PWM control can be controlled by the resistor connected to the RDuty pin. The soft-start
function at power application is accomplished by combining the reference voltage control and maximum duty control
methods. Even if the voltage of the FB pin is retained lower than the reference voltage due to the factor outside the IC, the
output voltage is raised by controlling the maximum duty. The phase compensation and gain value can be adjusted
according to the values of the resistor and capacitor connected to the CC pin. Therefore, the operation stability and
transient response can be correctly set for each application. The reference voltage accuracy is as high as 1.0 V
±1.5%, and
any voltage can be output by using an external output voltage setting resistor.
In addition, the delay time of the short-circuit protection circuit can be set by using the capacitor connected to the CSP pin.
If the maximum duty condition continues because of short-circuiting, the capacitor externally connected to the CSP pin is
charged, and oscillation stops after a specific time. The short-circuit protection function is cancelled when the power supply
is raised to the UVLO release voltage after it has been lowered to the UVLO detection voltage. A ceramic capacitor or a
tantalum capacitor is used as the output capacitor, depending on the setting. This controller IC allows various settings and
selections and employs a small package, making it very easy to use.
Features
• Low voltage operation:
1.8 V to 6.0 V
• Oscillation frequency:
280 kHz to 1.08 MHz (selectable by external resistor)
• Maximum duty:
Settable up to 88.5% by external resistor
47 to 88.5% (oscillation frequency; 500 kHz or more)
47 to 80% (oscillation frequency; less than 500 kHz)
• Reference voltage:
1.0 V
±1.5%
• Range of operation temperature: −40 to +85°C
• UVLO (under-voltage lockout) function:
Detection voltage can be selected from between 1.5 V and 2.3 V in 0.1 V step.
Hysteresis width can be selected from between 0.1 V and 0.3 V in 0.1 V step.
• Timer latch short-circuit protection circuit:
Delay time can be set using an external capacitor.
• Soft-start function:
Soft-start time can be selected in three steps, 10 ms, 15 ms, and 20 ms.
Both reference voltage control and maximum duty control methods are applied
• Phase compensation external setting:
Control is possible via the resistor connected between the CC and GND pins
and capacitor
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for LCDs and CCDs
• Power supplies for portable equipment
Packages
• SNT-8A
• 8-Pin TSSOP


Similar Part No. - S-8333CBBA-T8T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CBBA-T8T1y SII-S-8333CBBA-T8T1y Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CBBA-T8T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com