Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25138S8T2.5 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25138S8T2.5
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138S8T2.5 Datasheet(HTML) 1 Page - Xicor Inc.

  X25138S8T2.5 Datasheet HTML 1Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 2Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 3Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 4Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 5Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 6Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 7Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 8Page - Xicor Inc. X25138S8T2.5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
5MHz SPI Serial E2PROM with Block LockTM Protection
128K
16K x 8 Bit
ÓXicor, Inc. 1998 Patents Pending
1
Characteristics subject to change without notice
7056–1.5 8/13/98 T2/C0/D1 EW
X25138
FEATURES
5MHz Clock Rate
Low Power CMOS
<1
mA Standby Current
<5mA Active Current
2.5V To 5.5V Power Supply
SPI Modes (0,0 & 1,1)
16K X 8 Bits
32 Byte Page Mode
Block Lock™ Protection
Protect 1/4, 1/2 or all of E2PROM Array
Programmable Hardware Write Protection
In-Circuit Programmable ROM Mode
Built-in Inadvertent Write Protection
Power-Up/Down protection circuitry
Write Enable Latch
Write Protect Pin
Self-Timed Write Cycle
5ms Write Cycle Time (Typical)
High Reliability
Endurance: 100,000 cycles
Data Retention: 100 Years
ESD protection: 2000V on all pins
Packages
8-Lead XBGA
8, 14-Lead SOIC
8-Lead PDIP
8-Lead TSSOP
DESCRIPTION
The X25138 is a CMOS 128K-bit serial E2PROM,
internally organized as 16K x 8. The X25138 features
a Serial Peripheral Interface (SPI) and software
protocol allowing operation on a simple three-wire bus.
The bus signals are a clock input (SCK) plus separate
data in (SI) and data out (SO) lines. Access to the
device is controlled through a chip select (CS) input,
allowing any number of devices to share the same
bus.
The X25138 also features two additional inputs that
provide the end user with added flexibility. By
asserting the HOLD input, the X25138 will ignore tran-
sitions on its inputs, thus allowing the host to service
higher priority interrupts. The WP input can be used as
a hardwire input to the X25138 disabling all write
attempts to the status register, thus providing a mech-
anism for limiting end user capability of altering 0, 1/4,
1/2 or all of the memory.
The X25138 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
16K BYTE
ARRAY
128 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
128
256
8
32
STATUS
REGISTER
128
256 X 256
128 X 256
7037 FRM F01
Direct Write
Ô and Block LockÔ Protection is a trademark of Xicor, Inc.
FUNCTIONAL DIAGRAM


Similar Part No. - X25138S8T2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25138S8T2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com