Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8338ACCB-P8T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8338ACCB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338ACCB-P8T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8338ACCB-P8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8338ACCB-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
S-8337/8338 Series
www.sii-ic.com
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL
SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2003-2010
Rev.4.0_01
1
The S-8337/8338 Series is a CMOS step-up switching regulator which mainly consists of a reference voltage
circuit, an oscillator, an error amplifier, a PWM controller, an under voltage lockout circuit (UVLO), and a timer
latch short-circuit protection circuit. Because its minimum operating voltage is as low as 1.8 V, this switching
regulator is ideal for the power supply of an LCD or for portable systems that operate on a low voltage. The
internal oscillation frequency can be set up to 1.133 MHz, via the resistor connected to the ROSC pin.
With the S-8337 Series, the maximum duty ratio of PWM control can be controlled by the resistor connected to
the RDuty pin. With the S-8338 Series, the maximum duty ratio is fixed (to 88%). The phase compensation
and gain value can be adjusted according to the values of the resistor and capacitor connected to the CC pin.
Therefore, the operation stability and transient response can be correctly set for each application. The
reference voltage accuracy is as high as 1.0 V
±1.5%, and any voltage can be output by using an external
output voltage setting resistor.
In addition, the delay time of the short-circuit protection circuit can be set by using the capacitor connected to
the CSP pin. If the maximum duty condition continues because of short-circuiting, the capacitor externally
connected to the CSP pin is charged, and oscillation stops after a specific time. This condition is cleared by
re-application of power or by setting the switching regulator (S-8338 Series) to the shutdown status. A ceramic
capacitor or a tantalum capacitor is used as the output capacitor, depending on the setting. This controller IC
allows various settings and selections and employs a small package, making it very easy to use.
Features
• Low voltage operation:
1.8 V to 6.0 V
• Oscillation frequency:
286 kHz to 1.133 MHz (selectable by external resistor)
• Maximum duty:
47 to 88.5% (selectable by external resistor) (S-8337 Series)
Fixed to 88% typ. (S-8338 Series)
• Reference voltage:
1.0 V
±1.5%
• UVLO (under-voltage lockout) function:
Detection voltage can be selected from between 1.5 V and 2.3 V in 0.1 V steps.
Hysteresis width can be selected from between 0.1 V and 0.3 V in 0.1 V steps.
• Timer latch short-circuit protection circuit:
Delay time can be set using an external capacitor.
• Soft-start function:
Soft-start time can be selected in three steps, 10 ms, 15 ms, and 20 ms.
• Phase compensation external setting:
Adjustable by connecting resistor and capacitor in series to GND.
• Shutdown function:
S-8338 Series, shutdown current consumption: 1.0
μA max.
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for LCDs and CCDs
• Power supplies for portable equipment
Packages
• 8-Pin SON(A)
• 8-Pin TSSOP


Similar Part No. - S-8338ACCB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8338ACCB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com