Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8333CAIB-T8T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8333CAIB-T8T1U
Description  PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CAIB-T8T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8333CAIB-T8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8333CAIB-T8T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
8
External Parts When Measuring Electrical Characteristics
Table 5 External Parts
Element Name
Symbol
Manufacturer
Part Number
Inductor
L
TDK Corporation
LDR655312T 10
μH
Diode
SD
Rohm Co., Ltd.
RB491D
Output capacitor
CL
Ceramic 10
μF
Transistor
M1
Sanyo Electric Co., Ltd.
MCH3406
Oscillation frequency setting resistor
ROSC
200 k
Ω (when fOSC = 650 kHz)
Maximum duty ratio setting resistor
RDuty
300 k
Ω (when MaxDuty = 73%)
Short-circuit protection delay time
setting capacitor
CSP
0.1
μF (when tPRO = 50 ms)
Output voltage setting resistor 1
RFB1
8.2 k
Ω (when VOUT = 9.2 V)
Output voltage setting resistor 2
RFB2
1.0 k
Ω (when VOUT = 9.2 V)
FB pin capacitor
CFB
180 pF
Phase compensation resistor
RZ
200 k
Ω
Phase compensation capacitor
CZ
0.01
μF


Similar Part No. - S-8333CAIB-T8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8333CAIB-T8T1y SII-S-8333CAIB-T8T1y Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8333CAIB-T8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com