Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQY213TLD Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KAQY213TLD
Description  4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY213TLD Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQY213TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY213TLD Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00003.5
- 6 -
http://www.cosmo-ic.com
cosmo
KAQY213 Series
4PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET Output
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
-40
-20
0
20
40
60
80
1.7
1.5
1.3
1.1
0.9
1.9
50 m A
30 m A
20 m A
10 m A
5 m A
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Turn-on Time
vs. LED Forward Current
Fig.10 Off-state Leakage Current
vs. Load Voltage
0
0 .2
0 .4
0 .6
0 .8
1 .0
1 0
2 0
3 0
4 0
5 0
0
6 0
2 0
4 0
6 0
8 0
1 0 0
0
1 0
-1 2
1 0
1 0
1 0
-9
-6
-3
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Turn-off Time
vs. LED Forward Current
Fig.12 Output Capacitance
vs. Applied Voltage
0
0 .1
0 .2
0 .3
0 .4
0 .5
1 0
2 0
3 0
4 0
5 0
0
6 0
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)


Similar Part No. - KAQY213TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY213H COSMO-KAQY213H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results

Similar Description - KAQY213TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com