Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQY213 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KAQY213
Description  4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY213 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KAQY213_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY213_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00003.5
- 3 -
http://www.cosmo-ic.com
cosmo
KAQY213 Series
4PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET Output
 Absolute Maximum Ratings
(Ta=25℃)
Item
Symbol
Rating
Unit
Input
Continuous forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
Power dissipation
Pin
100
mW
Derate linearly from 25℃
-
1.3
mW/℃
Output
Breakdown voltage
VB
250
V
Continuous load current
IL
200
mA
Power dissipation
Pout
500
mW
Isolation voltage
Viso
KAQY213S
KAQY213
1500Vrms
5000Vrms
Isolation resistance (Vio=500V)
Riso
≧10
10
Ω
Total power dissipation
Pt
550
mW
Derate linearly from 25℃
-
2.5
mW/℃
Storage temperature
Tstg
-40 to +125
Operating temperature
Topr
-40 to +85
Junction temperature
Tj
100
Soldering temperature 10 seconds
Tsot
260
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Avg.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.5
V
Operation input current
IFON
VL=20V, IL=100mA
-
-
3.0
mA
Recovery input current
IFOFF
VL=20V, IL≦5μA
0.2
-
-
mA
Output
Breakdown voltage
VB
IB=50μA
250
-
-
V
Off-state leakage current
ILEAK
VL=250V, IF=0mA
-
0.2
1.0
μA
I/O capacitance
Ciso
VB=0V, f=1MHz
-
6
-
pF
ON resistance
RON
IF=10mA, IL=100mA
-
8
16
Ω
Turn-on time
TON
IF=10mA, VL=20V
IL=100mA, t=10ms
-
0.3
1.0
ms
Turn-off time
TOFF
-
0.1
1.5
ms
 Turn-on / Turn-off Time
O N
T
O u tp u t
In p u t
O F F
T
1 0 %
9 0 %


Similar Part No. - KAQY213_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
KAQY213A COSMO-KAQY213A Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY213H COSMO-KAQY213H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY213H COSMO-KAQY213H Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results

Similar Description - KAQY213_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com