Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8338AACA-P8T1G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8338AACA-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AACA-P8T1G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8338AACA-P8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8338AACA-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
4
(2) 8-Pin TSSOP
S-833 x A x x x - T8T1 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
Package name (abbreviation) and packing specification
T8T1: 8-Pin TSSOP, tape
Soft-start time setting
A: 10 ms
B: 15 ms
C: 20 ms
UVLO setting
A: 2.3 V
B: 2.2 V
C: 2.1 V
D: 2.0 V
E: 1.9 V
F: 1.8 V
G: 1.7 V
H: 1.6 V
I: 1.5 V
UVLO hysteresis setting
A: 0.1 V
B: 0.2 V
C: 0.3 V
Pin setting
7: With MaxDuty setting function
8: With Shutdown function
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
8-Pin SON(A)
PN008-A-P-SD
PN008-A-C-SD
PN008-A-R-SD
8-Pin TSSOP
Environmental code = G
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD
Environmental code = U
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1


Similar Part No. - S-8338AACA-P8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8338AACA-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com