Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8424AAAPA-TF-U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8424AAAPA-TF-U
Description  BATTERY BACKUP SWITCHING IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8424AAAPA-TF-U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8424AAAPA-TF-U Datasheet HTML 5Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 6Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 7Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 8Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 9Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 10Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 11Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 12Page - Seiko Instruments Inc S-8424AAAPA-TF-U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
9
3. S-8424AACxx
Table 6 Electrical Characteristics
(Unless otherwise specified: Ta
= 25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage 1
VRO
VIN
= 3.6 V, IRO = 15 mA
3.136
3.200
3.264
V
1
Dropout voltage 1
Vdrop1
VIN
= 3.6 V, IRO = 15 mA
181
243
mV
Load stability 1
ΔVRO1
VIN
= 3.6 V, IRO = 0.1 to 20 mA
50
100
mV
Input stability 1
ΔVRO2
VIN
= 3.6 to 16 V, IRO = 15 mA
5
20
mV
Output voltage temperature coefficient 1
RO
RO
V
Ta
V
Δ
Δ
Ta
= −40°C to +85°C
±100
ppm/
°C
Output voltage 2
VOUT
VIN
= 3.6 V, IOUT = 15mA
3.136
3.200
3.264
V
Dropout voltage 2
Vdrop2
VIN
= 3.6 V, IOUT = 15 mA
123
167
mV
Load stability 2
ΔVOUT1
VIN
= 3.6 V, IOUT = 0.1 to 20 mA
50
100
mV
Input stability 2
ΔVOUT2
VIN
= 3.6 to 16 V, IOUT = 15 mA
5
20
mV
Output voltage temperature coefficient 2
OUT
OUT
V
Ta
V
Δ
Δ
Ta
= −40°C to +85°C
±100
ppm/
°C
Primary power input voltage
VIN
16
V
CS detection voltage
−VDET1
VIN voltage detection
3.234
3.300
3.366
V
2
CS release voltage
+VDET1
3.319
3.401
3.482
V
RESET
detection voltage
−VDET2
VOUT voltage detection
2.352
2.400
2.448
V
RESET
release voltage
+VDET2
2.467
2.528
2.589
V
PREEND
detection voltage
−VDET3
VBAT voltage detection
2.548
2.600
2.652
V
PREEND
release voltage
+VDET3
2.682
2.748
2.814
V
Operating voltage
Vopr
VIN or VBAT
1.7
16
V
Detection voltage temperature coefficient
1
DET
1
DET
V
Ta
V
Δ
Δ
Ta
= −40°C to +85°C
±100
ppm/
°C
2
DET
2
DET
V
Ta
V
Δ
Δ
Ta
= −40°C to +85°C
±100
ppm/
°C
3
DET
3
DET
V
Ta
V
Δ
Δ
Ta
= −40°C to +85°C
±100
ppm/
°C
Sink current
ISINK
VDS
= 0.5 V, VIN = VBAT = 2.0 V
RESET
1.50
2.30
mA
3
PREEND
1.50
2.30
mA
CS
1.50
2.30
mA
Leakage current
ILEAK
VDS
= 16 V, VIN = 16 V
0.1
μA
Switch voltage
VSW1
VBAT
= 2.8 V, VIN voltage detection
+VDET1
× 0.83
+VDET1
× 0.85
+VDET1
× 0.87
V
4
CS output inhibit voltage
VSW2
VBAT
= 3.0 V, VOUT voltage detection
VOUT
× 0.93
VOUT
× 0.95
VOUT
× 0.97
V
5
VBAT switch leakage current
ILEAK
VIN
= 3.6 V, VBAT = 0 V
0.1
μA
6
VBAT switch resistance
RSW
VIN
= Open, VBAT = 3.0 V, IOUT = 10 to 500 μA
30
60
Ω
7
Switch voltage temperature coefficient
1
SW
1
SW
V
Ta
V
Ta
= −40°C to +85°C
±100
ppm/
°C
4
CS output inhibit voltage temperature
coefficient
2
SW
2
SW
V
Ta
V
Ta
= −40°C to +85°C
±100
ppm/
°C
5
Current consumption
ISS1
VIN
= 3.6 V, VBAT = 3.0 V, Unload
7
15
μA
8
IBAT1
0.26
0.50
μA
IBAT2
VIN
= Open, VBAT = 3.0 V, Unload
Ta
= 25°C
1.0
2.1
μA
Ta
= 85°C
3.5
μA
Backup power supply input voltage
VBAT
1.7
4.0
V
7
Remark The number in the Test Circuit column corresponds to the circuit number in the “Test Circuit” section.


Similar Part No. - S-8424AAAPA-TF-U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8424AAAPA-TF-G SII-S-8424AAAPA-TF-G Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
More results

Similar Description - S-8424AAAPA-TF-U

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com