Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8351A26MC-J2LT2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8351A26MC-J2LT2U
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A26MC-J2LT2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8351A26MC-J2LT2U Datasheet HTML 1Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 2Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 3Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 4Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 5Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8351A26MC-J2LT2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
S-8351/8352 Series
www.sii-ic.com
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING
REGULATOR / SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2002-2010
Rev.3.0_01
1
The S-8351/8352 Series is a CMOS step-up switching regulator controller which mainly consists of a reference voltage
source, an oscillation circuit, a comparator and PFM control circuit. The PFM control circuit allows the duty ratio to be
automatically switched according to the load (at light load : 50%, at high output current : 75%), enabling products with a low
ripple over a wide range, high efficiency, and high output current (A, B, and D type). Products with a fixed duty ratio of 75%
are also available (C type).
The S-8351 Series can configure a step-up switching regulator with an external coil, capacitor, and diode. A protection
circuit turns off the built-in MOS FET when the voltage at the CONT pin exceeds the limit to prevent it from being damaged.
In addition to the above features, the small package and low current consumption, makes the S-8351 Series ideal for
applications such as the power supply unit of portable equipment.
The S-8352 Series, which features an external transistor, is suitable for applications requiring a high output current.
Features
• Low voltage operation : Startup at 0.9 V min. (IOUT = 1 mA) guaranteed
• Low current consumption : During operation 23.2
μA (VOUT = 3.3 V, typ.)
During shutdown 0.5
μA (max.)
• Duty ratio : 50 % / 75 % built-in auto-switching-type PFM control circuit (A, B, and D type)
75 % built-in fixed-type PFM control circuit (C type)
• External parts : Coil, capacitor, and diode
• Output voltage : Selectable in 0.1 V steps between 2.0 V to 6.5 V (A, B, and C type)
Selectable in 0.1 V steps between 1.5 V to 6.5 V (D type)
• Output voltage accuracy :
±2.4%
• Shutdown function (A type)
• VDD / VOUT separate type (D type)
• External transistor type available (S-8352 Series)
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for portable equipment such as digital cameras, electronic notebooks, and PDAs
• Power supplies for audio equipment such as portable CD / MD players
• Constant voltage power supplies for cameras, video equipment, and communications equipment
• Power supplies for microcomputers
Packages
• SOT-23-3
• SOT-23-5
• SOT-89-3


Similar Part No. - S-8351A26MC-J2LT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Similar Description - S-8351A26MC-J2LT2U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com