Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8353A27MC-IQMT2U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8353A27MC-IQMT2U
Description  BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8353A27MC-IQMT2U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8353A27MC-IQMT2U Datasheet HTML 5Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 9Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 10Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 11Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 12Page - Seiko Instruments Inc S-8353A27MC-IQMT2U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
9
Absolute Maximum Ratings
Table 13
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
OFF
/
ON
pin voltage*1
OFF
/
ON
V
VSS
− 0.3 to VSS + 12
V
VDD pin voltage*2
VDD
VSS
− 0.3 to VSS + 12
V
CONT pin voltage
VCONT
VSS
− 0.3 to VSS + 12
V
CONT pin current
ICONT
300
mA
Power dissipation
SOT-23-3
PD
150 (When not mounted on board)
mW
430*3
mW
SOT-23-5
250 (When not mounted on board)
mW
600*3
mW
SOT-89-3
500 (When not mounted on board)
mW
1000*3
mW
Operating ambient temperature
Topr
−40 to + 85
°C
Storage temperature
Tstg
−40 to + 125
°C
*1.
With shutdown function
*2.
For VDD / VOUT separate type
*3.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
800
400
0
Ambient temperature (Ta) [
°C]
1000
600
200
1200
SOT-23-3
SOT-23-5
SOT-89-3
0
50
100
150
400
200
0
Ambient temperature (Ta) [
°C]
500
300
100
600
SOT-23-3
SOT-23-5
SOT-89-3
Figure 7 Power Dissipation of Packages


Similar Part No. - S-8353A27MC-IQMT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8353AxxMA SII-S-8353AxxMA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353AXXMA ABLIC-S-8353AXXMA Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353AxxMC SII-S-8353AxxMC Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353AXXMC ABLIC-S-8353AXXMC Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353AxxUA SII-S-8353AxxUA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results

Similar Description - S-8353A27MC-IQMT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9328EFJ ROHM-BD9328EFJ Datasheet
499Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com