Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8351A22MC-J2HT2G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8351A22MC-J2HT2G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A22MC-J2HT2G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8351A22MC-J2HT2G Datasheet HTML 1Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 2Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 3Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 4Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 5Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8351A22MC-J2HT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
5
2. Package and Function List by Product Type
Table 3
Series Name
Type
Package Name
(Abbreviation)
Shutdown Function
Yes / No
VDD / VOUT Separate Type
Yes / No
S-8351 Series,
S-8352 Series
A (Duty ratio 50% / 75% auto-switching type)
A = 100 kHz
MC
Yes
No
B (Duty ratio 50% / 75% auto-switching type)
B = 100 kHz
MA
No
No
C (Duty ratio 75% fixed type)
C = 100 kHz
MA / UA
No
No
D (Duty ratio 50% / 75% auto-switching type)
D = 100 kHz
MC
No
Yes
3. Product Name
(1) SOT-23-3
S-835 x x xx MA - xxx T2 G
Environmental code
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MA : SOT-23-3
Output voltage
15 to 65
(e.g. When the output voltage is 1.5 V, it is expressed as 15.)
Product type
A : With shutdown function,
fOSC = 100 kHz
B : 50% / 75% automatic duty ratio switching type, fOSC = 100 kHz
C : 75% duty ratio fixed type,
fOSC = 100 kHz
D : VDD / VOUT separate type,
fOSC = 100 kHz
Series name
1 : Built-in power MOS FET
2 : External power MOS FET
*1. Refer to the tape specifications.
*2. Refer to the Table 4, 5 in the “5. Product Name List”.


Similar Part No. - S-8351A22MC-J2HT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Similar Description - S-8351A22MC-J2HT2G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com