Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8351A20MC-J2FT2X Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8351A20MC-J2FT2X
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A20MC-J2FT2X Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8351A20MC-J2FT2X Datasheet HTML 7Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 8Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 9Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 10Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 11Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 12Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 13Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 14Page - Seiko Instruments Inc S-8351A20MC-J2FT2X Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
11
Electrical Characteristics
(1) S-8351 Series
Table 15 (1 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
Output voltage
VOUT
VOUT(S)
× 0.976
VOUT(S) VOUT(S)
× 1.024
V
1
Input voltage
VIN
10
V
1
Operation start voltage
VST1
IOUT = 1 mA
0.9
V
1
Oscillation start voltage
VST2
No external parts, Voltage applied to VOUT,
CONT pin pulled up to VOUT with 300
Ω
resistor
0.8
V
2
Input current during no- load
IIN
IOUT = 0 mA
S-8351x15 to 29
8.5
μA
1
S-8351x30 to 49
9.0
μA
1
S-8351x50 to 65
9.5
μA
1
Current consumption 1
ISS1
VOUT = VOUT(S)
× 0.95
S-8351x15 to 19
9.6
16.0
μA
2
S-8351x20 to 29
15.7
26.2
μA
2
S-8351x30 to 39
23.2
38.6
μA
2
S-8351x40 to 49
32.0
53.3
μA
2
S-8351x50 to 59
42.1
70.2
μA
2
S-8351x60 to 65
54.9
91.5
μA
2
Current consumption 2
ISS2
VOUT = VOUT(S)
+ 0.5 V
S-8351x15 to 19
2.3
3.5
μA
2
S-8351x20 to 29
2.5
3.8
μA
2
S-8351x30 to 39
2.7
4.1
μA
2
S-8351x40 to 49
2.9
4.4
μA
2
S-8351x50 to 59
3.1
4.7
μA
2
S-8351x60 to 65
3.3
5.1
μA
2
Current consumption during
shutdown
(With shutdown function)
ISSS
OFF
/
ON
V
= 0 V
0.5
μA
2
Switching current
ISW
VCONT = 0.4 V
S-8351x15 to 19
50.2
91.2
mA
2
S-8351x20 to 24
65.0
118.2
mA
2
S-8351x25 to 29
78.5
142.7
mA
2
S-8351x30 to 39
90.7
164.8
mA
2
S-8351x40 to 49
110.9
201.6
mA
2
S-8351x50 to 59
125.7
228.6
mA
2
S-8351x60 to 65
135.2
245.8
mA
2
Switching transistor leakage
current
ISWQ
No external parts, VCONT = VOUT = 10 V,
OFF
/
ON
V
= 0 V
0.5
μA
2
CONT pin limit voltage
VCONTLMT
Apply to CONT pin, Confirm oscillation stop
0.9
V
2
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 0.4 to × 0.6
30
60
mV
1
Load regulation
ΔVOUT2
IOUT = 10
μA to VOUT(S) / 250 × 1.25
30
60
mV
1
Output voltage temperature
coefficient
OUT
OUT
V
Ta
V
Ta =
− 40°C to + 85°C
±50
ppm /
°C
1
Oscillation frequency
fOSC
VOUT = VOUT(S)
× 0.95,
Measured waveform at CONT pin
90
100
110
kHz
2
Duty ratio 1
Duty1
VOUT = VOUT(S)
× 0.95,
Measured waveform at CONT pin
70
75
80
%
2
Duty ratio 2
(For A, B, D type)
Duty2
Measured waveform at CONT pin at light load
50
%
1


Similar Part No. - S-8351A20MC-J2FT2X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Similar Description - S-8351A20MC-J2FT2X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com