Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8426AAA-J8T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8426AAA-J8T1G
Description  BATTERY BACKUP SWITCHING IC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8426AAA-J8T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8426AAA-J8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8426AAA-J8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
BATTERY BACKUP SWITCHING IC
Rev.2.0_02
S-8426A Series
5
Absolute Maximum Ratings
Table 4
(Unless otherwise specified: Ta = 25
°C)
Item
Symbol
Absolute Maximum Tatings
Unit
Primary power supply input voltage
VIN
VSS
−0.3 to VSS+18
V
Backup power supply input voltage
VBAT
VSS
−0.3 to VSS+18
V
Output voltage of voltage regulator
VRO, VOUT
VSS
−0.3 to VIN+0.3
V
CS output voltage
VCS
VSS
−0.3 to VSS+18
V
RESET output voltage
RESET
V
VSS
−0.3 to VSS+18
V
PREEND
output voltage
PREEND
V
VSS
−0.3 to VSS+18
V
Power dissipation
8-Pin TSSOP
PD
700*1
mW
8-Pin SOP(JEDEC)
850*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. At mounted on printed circuit board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
1200
800
400
0
8-Pin TSSOP
Ambient Temperature (Ta) [
°C]
1000
600
200
8-Pin SOP(JEDEC)
Figure 4 Power Dissipation of Package (Mounted on Printed Circuit Board)


Similar Part No. - S-8426AAA-J8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8426AAA-J8T1G SII-S-8426AAA-J8T1G Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
More results

Similar Description - S-8426AAA-J8T1G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com