Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8363B-I6T1U2 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S-8363B-I6T1U2
Description  PWM/PFM SWITCHABLE SWITCHING REGULATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8363B-I6T1U2 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-8363B-I6T1U2 Datasheet HTML 11Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 12Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 13Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 14Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 15Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 16Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 17Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 18Page - Seiko Instruments Inc S-8363B-I6T1U2 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
15
Operation Principles
The S-8363 Series is a step-up switching regulator. Figure 14 shows the basic circuit diagram.
Step-up switching regulators start current supply by the input voltage (VIN) when the Nch power MOS FET is turned
on and holds energy in the inductor at the same time. When the Nch power MOS FET is turned off, the CONT pin
voltage is stepped up to discharge the energy held in the inductor and the current is discharged to VOUT through the
diode. When the discharged current is stored in COUT, a voltage is generated, and the potential of VOUT increases
until the voltage of the FB pin reaches the same potential as the internal reference voltage.
For the PWM control method, the switching frequency (fOSC) is fixed and the VOUT voltage is held constant
according to the ratio of the ON time and OFF time (ON duty) of the Nch power MOS FET in each period.
In the PWM control method, the VOUT voltage is held constant by controlling the ON time.
In the PFM control method, the Nch power MOS FET is turned on by fixed duty. When energy is discharged to VOUT
once and the VOUT potential exceeds the set value, the Nch power MOS FET stays in the off status until VOUT
decreases to the set value or less due to the load discharge. Time VOUT decreases to the set value or less depends
on the amount of load current, so, the switching frequency varies depending on this current.
VSS
FB
CONT
COUT
RL
VOUT
SD
IOUT
I2
VIN
L
I1
Nch power
MOS FET
Figure 14 Basic Circuit of Step-up Switching Regulator
The ON duty in the current continuous mode can be calculated by using the equation below. Use the S-8363 Series
in the range where the ON duty is less than the maximum duty.
The maximum duty is 88% (typ.).
ON duty =
()
1
VIN
VOUT + VD*1
× 100 [%]
*1. VD : Forward voltage of diode


Similar Part No. - S-8363B-I6T1U2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8363B-I6T1U2 ABLIC-S-8363B-I6T1U2 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
More results

Similar Description - S-8363B-I6T1U2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com