Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8365AAABA-M5T1Y2 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S-8365AAABA-M5T1Y2
Description  PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8365AAABA-M5T1Y2 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S-8365AAABA-M5T1Y2 Datasheet HTML 20Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 21Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 22Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 23Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 24Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 25Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 26Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 27Page - Seiko Instruments Inc S-8365AAABA-M5T1Y2 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.2.1_01
24
Standard Circuit
(1) With short-circuit protection (SNT-6A, SOT-23-6)
FB
Triangular wave
oscillation circuit
PWM comparator
UVLO
circuit
VSS
RFB1
RFB2
VOUT
VIN CIN
+
+
CSP
Reference voltage
with soft-start circuit
L
COUT
M1
SD
CFB
0.1
μF
Ground point
PWM control, or
PWM / PFM switching
control circuit
Timer latch short-circuit
protection circuit
ON/OFF
VDD
EXT
ON/OFF
circuit
Error
amplifier
Figure 20
(2) Without short-circuit protection (SOT-23-5)
VIN
FB
PWM comparator
UVLO
circuit
VSS
RFB1
RFB2
VOUT
+
+
Reference voltage
with soft-start circuit
M1
SD
CFB
Ground point
PWM control, or
PWM / PFM switching
control circuit
0.1
μF
ON/OFF
VDD
EXT
ON/OFF
circuit
COUT
L
CIN
Error
amplifier
Triangular wave
oscillation circuit
Figure 21


Similar Part No. - S-8365AAABA-M5T1Y2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365AAABA-M5T1Y2 ABLIC-S-8365AAABA-M5T1Y2 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
More results

Similar Description - S-8365AAABA-M5T1Y2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com