Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8533A135FT-TB-G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8533A135FT-TB-G
Description  SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A135FT-TB-G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8533A135FT-TB-G Datasheet HTML 3Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 4Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 10Page - Seiko Instruments Inc S-8533A135FT-TB-G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
7
Electrical Characteristics
Table 3
VIN = VOUT
× 1.5 V, IOUT = VOUT/50 A (In case VOUT ≤ 1.8 V, VIN = 2.7 V) (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
Output voltage*1
VOUT(E)
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
× 1.02
V
2
Input voltage
VIN
2.7
16.0
V
1
Current consumption 1
ISS1
No external parts, VOUT = VOUT(S)
× 0.95
(Duty ratio 100%)
30
70
μA
1
Current consumption
during power-off
ISSS
VON/OFF = 0 V
1.0
μA
1
PDRV pin output current
IPDRVH
No external parts, VOUT = VOUT(S)
× 1.5,
VIN = 9.0 V, VPDRV = VIN
− 0.2 V
−12
−18
mA
1
IPDRVL
No external parts, VOUT = VOUT(S)
× 0.95,
VIN = 9.0 V, VPDRV = 0.2 V
19
27
mA
1
NDRV pin output current
INDRVH
No external parts, VOUT = VOUT(S)
× 1.5,
VIN = 9.0 V, VNDRV = VIN
− 0.2 V
−10
−14
mA
1
INDRVL
No external parts, VOUT = VOUT(S)
× 0.95,
VIN = 9.0 V, VNDRV = 0.2 V
35
50
mA
1
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 1.2 to 16 V*2
S-8533A125,
S-8533A13A to 29A
VOUT(E)
× 1.0%
VOUT(E)
× 2.5%
V
2
S-8533A30A to 60A
VOUT(E)
× 1.0%
VOUT(E)
× 2.0%
V
2
Load regulation
ΔVOUT2
IOUT = 10
μA to IOUT (see above) × 1.25
VOUT(E)
× 0.5%
VOUT(E)
× 1.0%
V
2
Output voltage
temperature coefficient
Δ
Δ
V
Ta V
OUT
OUT
Ta =
−40 to +85°C
±100
ppm/
°C
Oscillation frequency
fOSC
Measure waveform at the PDRV pin.
255
300
345
kHz
2
Maximum duty ratio
MaxDuty
The same condition as lSS1. Measure waveform at
the PDRV pin.
100
%
1
VOUT pin input current
IVOUT
VOUT = 5.0 V
0.01
0.1
4.0
μA
1
ON/
OFF pin input
voltage
VSH
The same condition as ISS1.
VIN = 2.7 V and check that PDRV pin = "L".
1.8
V
1
VSL
The same condition as ISS1.
VIN = 16.0 V and check that PDRV pin = "H".
0.3
V
1
ON/
OFF pin input
leakage current
ISH
The same condition as ISS1. VON/OFF = VIN
−0.1
0.1
μA
1
ISL
The same condition as ISS1. VON/OFF = 0 V
−0.1
0.1
μA
1
Soft-start time
tSS
The same condition as ISS1. Measure time until
PDRV pin oscillates.
5.0
8.0
16.0
ms
1
Efficiency
EFFI
*3, IOUT = 200 to 400 mA, S-8533A33A
94
%
3
External parts :
Coil :
Sumida Corporation
CD105 (22
μH)
Diode :
Matsushita Electric Industrial Co., Ltd. MA737 (Schottky diode)
Capacitor :
Nichicon Corporation
F93 (16 V, 47
μF, tantalum) × 2
Transistor :
Toshiba Corporation
2SA1213
Base resistance : 1 k
Ω
Base capacitor : 2200 pF
CSS :
4700 pF
CNDRV :
1000 pF
*1. VOUT(S) : Nominal output voltage value
VOUT(E) : Actual output voltage value : VIN = VOUT
× 1.5 V, IOUT = VOUT/50 A (If VOUT ≤ 1.8 V, VIN = 2.7 V.)
*2. In case VOUT(S)
≤ 2.2 V, VIN = 2.7 to 16 V
*3. External parts
Coil :
Sumida Corporation
CDRH104R (22
μH)
Capacitor :
Nichicon Corporation
F93 (16 V, 47
μF, tantalum) × 2
P-channel power MOS FET :
Sanyo Electric Co., Ltd. CPH6303 (VGS = 10 V max.)
N-channel power MOS FET :
Sanyo Electric Co., Ltd. CPH6403 (VGS = 10 V max.)
CSS :
4700 pF


Similar Part No. - S-8533A135FT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533A135FT-TB-G SII-S-8533A135FT-TB-G Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8533A135FT-TB-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com