Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8533A13AFT-TB-G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8533A13AFT-TB-G
Description  SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A13AFT-TB-G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8533A13AFT-TB-G Datasheet HTML 1Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 2Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 3Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 4Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8533A13AFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
4
3. Product Name List
Output Voltage
Product Name
1.25 V
S-8533A125FT-TB-x
1.3 V
S-8533A13AFT-TB-x
1.4 V
S-8533A14AFT-TB-x
1.5 V
S-8533A15AFT-TB-x
1.8 V
S-8533A18AFT-TB-x
2.5 V
S-8533A25AFT-TB-x
2.7 V
S-8533A27AFT-TB-x
2.8 V
S-8533A28AFT-TB-x
3.0 V
S-8533A30AFT-TB-x
3.3 V
S-8533A33AFT-TB-x
3.9 V
S-8533A39AFT-TB-x
4.1 V
S-8533A41AFT-TB-x
4.5 V
S-8533A45AFT-TB-x
4.8 V
S-8533A48AFT-TB-x
4.9 V
S-8533A49AFT-TB-x
5.0 V
S-8533A50AFT-TB-x
5.2 V
S-8533A52AFT-TB-x
5.5 V
S-8533A55AFT-TB-x
6.0 V
S-8533A60AFT-TB-x
Remark 1. Contact the SII Semiconductor Corporation marketing department for the availability of product
samples other than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8533A13AFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533A13AFT-TB-G SII-S-8533A13AFT-TB-G Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533A13AFT-TB-G SII-S-8533A13AFT-TB-G Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8533A13AFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com