Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8426AAA-J8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8426AAA-J8T1U
Description  BATTERY BACKUP SWITCHING IC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8426AAA-J8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8426AAA-J8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8426AAA-J8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
S-8426A Series
www.sii-ic.com
BATTERY BACKUP SWITCHING IC
© SII Semiconductor Corporation, 2006-2015
Rev.2.0_02
1
The S-8426A Series is a CMOS IC designed for use in the switching circuits of primary and backup power supplies on a
single chip. It consists of two voltage regulators, three voltage detectors, a power supply switch and its controller, as well as
other functions.
In addition to the switching function between the primary and backup power supply, the S-8426A Series can provide the
micro controllers with three types of voltage detection output signals corresponding to the power supply voltage.
Moreover adopting a special sequence for switch control enables the effective use of the backup power supply, making this
IC ideal for configuring a backup system.
Features
• Low power consumption
Normal operation:
15
μA Max. (VIN = 6 V)
Backup:
4.5
μA Max.
• Voltage regulator
Output voltage tolerance :
±2%
Output voltage:
Independently selectable in 0.1 V steps in the range of 2.3 to 5.4 V
• Three built-in voltage detectors (CS, PREEND , RESET )
Detection voltage precision:
±2%
Detection voltage:
Selectable in 0.1 V steps in the range of 2.4 to 5.3 V (CS voltage detector)
Selectable in 0.1 V steps in the range of 1.7 to 3.4 V ( PREEND , RESET voltage
detector)
• Switching circuit for primary power supply and backup power supply configurable on one chip
• Efficient use of backup power supply possible
• Special sequence
Backup voltage is not output when the primary power supply voltage does not reach the initial voltage at which the
switch unit operates.
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Video camera recorders
• Still video cameras
• Memory cards
• SRAM backup equipment
Packages
• 8-Pin TSSOP
• 8-Pin SOP(JEDEC)


Similar Part No. - S-8426AAA-J8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8426AAA-J8T1U SII-S-8426AAA-J8T1U Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
More results

Similar Description - S-8426AAA-J8T1U

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com