Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8425AAAFT-TB-G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8425AAAFT-TB-G
Description  BATTERY BACKUP SWITCHING IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8425AAAFT-TB-G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8425AAAFT-TB-G Datasheet HTML 1Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 2Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 3Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 4Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8425AAAFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
5
Pin Configurations
VSS
VCH
VBAT
CS
VRO
VIN
VOUT
RESET
8-Pin TSSOP
Top View
1
2
3
4
8
7
6
5
VSS
VCH
VBAT
CS
VRO
VIN
VOUT
RESET
8-Pin SON(B)
Top View
8
7
6
5
1
2
3
4
*1.
Mount capacitors between VSS (GND) and the VIN, VBAT, VOUT, VRO, and VCH pins (see the
Standard Circuit section).
Pin
No.
Symbol
Description
1
VSS
Ground
2
VCH*1
Output pin of voltage regulator 3
3
VBAT*1
Backup power supply input pin
4
CS
Output pin of CS voltage detector
5
RESET
Output pin of RESET voltage detector
6
VOUT*1
Output pin of voltage regulator 2
7
VIN*1
Primary power supply input pin
8
VRO*1
Output pin of voltage regulator 1
Figure 2 Pin Configurations


Similar Part No. - S-8425AAAFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8425AAAFT-TB-x SII-S-8425AAAFT-TB-x Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
More results

Similar Description - S-8425AAAFT-TB-G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com