Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14506UB Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC14506UB
Description  Dual 2-wide, 2-input Expandable And-Or-Invert Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14506UB Datasheet(HTML) 1 Page - Motorola, Inc

  MC14506UB Datasheet HTML 1Page - Motorola, Inc MC14506UB Datasheet HTML 2Page - Motorola, Inc MC14506UB Datasheet HTML 3Page - Motorola, Inc MC14506UB Datasheet HTML 4Page - Motorola, Inc MC14506UB Datasheet HTML 5Page - Motorola, Inc MC14506UB Datasheet HTML 6Page - Motorola, Inc MC14506UB Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14506UB
Dual 2-Wide, 2-Input
Expandable AND-OR-INVERT
Gate
The MC14506UB is an expandable AND–OR–INVERT gate with inhibit
and 3–state output. The expand option allows cascading with any other gate,
which may be carried as far as desired as long as the propagation delay
added with each gate is considered. For example, the second AOI gate in
this device may be used to expand the first gate, giving an expanded 4–wide,
2–input AOI gate. This device is useful in data control and digital multiplexing
applications.
• 3–State Output
• Separate Inhibit Line
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads or One Low–Power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
LOGIC DIAGRAM
AA 1
BA 2
CA 3
DA 4
EA 5
INH 6
DIS 14
EB 13
DB 12
CB 11
BB 10
AB 9
3–STATE
OUTPUT DISABLE
15 ZA
7 ZB
VDD = PIN 16
VSS = PIN 8
Z = (AB + CD + E + I)
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14506UB
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXUBCP
Plastic
MC14XXXUBCL
Ceramic
MC14XXXUBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.
TRUTH TABLE
A B C D E
Inhibit Disable
Z
0
0
0
0
1
0
0
1
0 X 0 X 1
0
0
1
0 X X 0
1
0
0
1
X 0
0 X 1
0
0
1
X 0 X 0
1
0
0
1
1
1 X X X
X
0
0
X X 1
1 X
X
0
0
X X X X 0
X
0
0
X X X X X
1
0
0
X X X X X
X
1
High
Impedance
X = Don’t Care


Similar Part No. - MC14506UB

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145003FU MOTOROLA-MC145003FU Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145004 MOTOROLA-MC145004 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results

Similar Description - MC14506UB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
Hitachi Semiconductor
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
Texas Instruments
Texas Instruments
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
Intersil Corporation
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
Texas Instruments
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
STMicroelectronics
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
Fairchild Semiconductor
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com