Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAQ-2005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DAQ-2005
Description  Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAQ-2005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DAQ-2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAQ-2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAQ-2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Dec. 2, 2016. ©2016 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Specifications
Model Name
PXI/DAQ/DAQe-2010
PXI/DAQ/DAQe-2005
PXI/DAQ/DAQe-2006
Analog Input
Resolution
14 bits
16 bits, no missing codes
16 bits, no missing codes
Number of channels
4 simultaneous-sampling channels with differential input
Maximum sampling rate
2 MS/s
500 kS/s
250 kS/s
Programmable gain
1, 2, 4, 8
Bipolar input ranges
±10 V, ±5 V, ±2.5 V, ±1.25 V
Unipolar input ranges
0-10 V, 0-5 V, 0-2.5 V, 0-1.25 V
Offset error
±3 mV
2 mV
±1 mV
Gain error
±0.1% of FSR
±0.04% of FSR
±0.03% of FSR
Input Coupling
DC
Overvoltage protection
Power on: Continuous ±35 V, Power off: Continuous ±15 V
Input Impedance
1 GΩ/100 pF
CMRR (gain = 1)
85 dB
-3 dB small signal
bandwidth (gain = 1)
1 MHz
1 MHz
600 kHz
Trigger sources
Software, external digital/analog trigger, SSI bus
Trigger modes
Pre-trigger, post-trigger, middle-trigger, delay-trigger, and repeated trigger
FIFO buffer size
8 k samples
512 samples
512 samples
Data transfers
Polling, scatter-gather DMA
Analog Output
Number of channels
2 voltage outputs
Resolution
12 bits
Output ranges
0-10 V, ±10 V, 0-AOEXTREF, ±AOEXTREF
Maximum update rate
1 μs
Slew rate
20 V/μs
Settling time
3 μs to ±0.5 LSB accuracy
Offset error
±3mV
±1mV
±1mV
Gain error
±0.05% of max. output
±0.04% of max. output
±0.04% of max. output
Driving capacity
5 mA
Stabililty
Any passive load, up to 1500 pF
Trigger sources
Software, external digital/analog trigger, SSI bus
Trigger modes
Post-trigger, delay-trigger, and repeated trigger
FIFO buffer size
2 k samples
Data transfers
Programmed I/O, scatter-gather DMA
Digital I/O
Number of channels
8255 24-bit programmable input/output
Compatibility
5 V/TTL
Data transfers
Programmed I/O
Timer/Counter
Number of channels
2
Resolution
16 bits
Compatibility
5 V/TTL
Base clock available
40 MHz , external clock up to 10 MHz
Auto Calibration
Onboard reference
+5 V
Temperature drift
±2 ppm/˚C
Stabililty
6 ppm/1000 Hrs
General Specifications
Dimensions
160 mm x 100 mm (not including connectors) (PXI-2000 series)
175 mm x 107 mm (not including connectors) (DAQ-2000 series)
168 mm x 107 mm (not including connectors) (DAQe-2000 series)
Connector
68-pin VHDCI-type female
Operating temperature
0 to 55˚C
Storage temperature
-20 to 70˚C
Humidity
5 to 95%, non-condensing
Power requirements
+5 V 1.82 A typical (PXI/DAQ-2010)
+3.3 V 1.246 A, +12 V 0.448 A
typical (DAQe-2010)
+5 V 2.04 A typical (PXI/DAQ-2005)
+3.3 V 1.03 A, +12 V 0.75 A
typical (DAQe-2005)
+5 V 1.82 A typical (DAQ-2006)
+3.3 V 1.02 A, +12 V 0.67 A
typical (DAQe-2006)


Similar Part No. - DAQ-2005

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
DAQ-2005 ADLINK-DAQ-2005 Datasheet
199Kb / 1P
   4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
More results

Similar Description - DAQ-2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Texas Instruments
SN74CB3Q32245 TI-SN74CB3Q32245 Datasheet
279Kb / 10P
[Old version datasheet]   32 bit BUS SWITCH 2.5-V/3.3-V HIGH BANDWIDTH
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Texas Instruments
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com