Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLC-45-700 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # ODLC-45-700
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLC-45-700 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  ODLC-45-700 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLC-45-700 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLC-45-700 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLC-45-700 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLC-45-700 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLC-45-700 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
File Name:ODLC-45-SPEC 2016-10-26
MECHANICAL SPECIFICATION
45W Constant Current Mode LED Driver
ODLC-45 series
Case No.ODLC-45A
Unit:mm
Vo+(Red)
Vo-(Black)
DIM+(Purple)
DIM-(Gray)
ACL(Brown)
ACN(Blue)
Vo+(Red)
Vo-(Black)
DIM+(Purple)
DIM-(Gray)
UL1007 22AWG
UL1007 22AWG
UL1007 18AWG
UL1007 18AWG
SVT 18AWG
SVT 18AWG
AC wire No. Assignment(AC IN)
DC wire No. Assignment(DC OUT)
ACL(Brown)
ACN(Blue)
※Blank-Type:
※A-Type:
AUX+(Yellow)
AUX-(Green)
Vo+(Red)
Vo-(Black)
DIM+(Purple)
DIM-(Gray)
ACL(Brown)
ACN(Blue)
AUX+(Yellow)
AUX-(Green)
Vo+(Red)
Vo-(Black)
DIM+(Purple)
DIM-(Gray)
UL1007 22AWG
UL1007 22AWG
UL1007 22AWG
UL1007 22AWG
UL1007 18AWG
UL1007 18AWG
AC wire No. Assignment(AC IN)
DC wire No. Assignment(DC OUT)
111
3.5
3.5
2*
4.5
ψ
150±10
200±10
150±10
200±10
30
111
3.5
3.5
2*
4.5
ψ
200±10
150±10
200±10
30
ACL(Brown)
ACN(Blue)
tc
: Max. Case Temperature
tc
tc
: Max. Case Temperature
tc
SVT 18AWG
SVT 18AWG
Please refer to : http://www.meanwell.com/manual.html
INSTALLATION MANUAL
SVT 18AWG
SVT 18AWG


Similar Part No. - ODLC-45-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1050 MEANWELL-ODLC-65-A-1050 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1400 MEANWELL-ODLC-65-A-1400 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1750 MEANWELL-ODLC-65-A-1750 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-700 MEANWELL-ODLC-65-A-700 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - ODLC-45-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com