Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-02-9 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-02-9
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-02-9 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  IRM-02-9 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-02-9 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-02-9 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-02-9 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2W Single Output Encapsulated Type
IRM-02 series
Mechanical Specification
◎ PCB mounting style
◎ SMD style
0.3[0.012]
1.5[0.059]
2.54mm
2.03[0.08]
1.5[0.06]
2.54[0.1]
TOP VIEW
13
5
12
11
10
20
22
24
13
14
15
16
9
Case No.IRM02 Unit:mm
[inch]
Tolerance:
0.5[ 0.02]
±±
unless otherwise specified
Pin No.
1
24
13
12
others
Assignment
AC/L
AC/N
-Vo
+Vo
N.C.
0.6 0.1
0.004
±±
[0.024
]
33.7[1.33]
28[1.1]
15[0.59]
9.35[0.37]
2.85[0.11]
22.2[0.87]
27.3[1.07]
BOTTOM
VIEW
1
12
13
24
3
5
9
10
11
14
15
16
22
20
1.0[0.04]
0.45[0.02]
+V
-V
AC/N
AC/L
16[0.63]
2-Ø4.5
33.7[1.33]
11.1[0.44]
Recommended PCB Layout (for SMD style) (Reflow soldering method available)
Peak. Temp 240
10 sec. Max.
60 sec. Max.
(>220
)
220
Time(sec.)
Remark : The curve applies only to the " Hot Air Reflow Soldering"
0
50
100
150
220
240
File Name:IRM-02-SPEC 2016-12-03
Installation Manual
Please refer to : http://www.meanwell.com/manual.html


Similar Part No. - IRM-02-9

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-02 DIWELL-IRM-02 Datasheet
373Kb / 4P
   2W Output Switching Power Supply
2016-07-13
More results

Similar Description - IRM-02-9

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com