Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-01-9 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-01-9
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-01-9 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  IRM-01-9 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-01-9 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-01-9 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-01-9 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
1W Single Output Encapsulated Type
IRM-01 series
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
600ms, 30ms/230VAC
600ms, 30ms/115VAC at full load
40ms/230VAC
12ms/115VAC at full load
85 ~ 305VAC
120 ~ 430VDC
47 ~ 63Hz
70%
66%
72%
5.2 ~ 6.8V
74%
10.3 ~ 12.2V
75%
77%
12.6 ~ 16.2V
15.7 ~ 20.3V
25.2 ~ 32.4V
25mA/115VAC
18mA/230VAC
16mA/277VAC
5A/115VAC
10A/230VAC
≥110% rated output power
3.8 ~ 4.9V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-30 ~ +85
(Refer to "Derating Curve")
-40 ~ +100 , 10 ~ 95% RH
±℃
0.03%/
(0 ~ 75 )
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
1960Khrs min.
MIL-HDBK-217F (25 )
PCB mounting style : 33.7*22.2*15mm (L*W*H)
SMD style : 33.7*22.2*16mm (L*W*H)
PCB mounting style : 0.019Kg; 640pcs/ 13.2 Kg/ 0.95CUFT
SMD style : 0.019Kg; 640 pcs/ 13.2 Kg/ 0.95CUFT
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
5V
9V
12V
15V
24V
300mA
200mA
111mA
83mA
67mA
42mA
0 ~ 300mA
0 ~ 200mA
0 ~ 111mA
0 ~ 83mA
0 ~ 67mA
0 ~ 42mA
1W
1W
1W
1W
1W
1W
IRM-01-3.3
IRM-01-5
IRM-01-9
IRM-01-12
IRM-01-15
IRM-01-24
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Compliance to EN55022 (CISPR22) Class B, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, heavy industry level (surge L-N : 1KV), criteria A
I/P-O/P:3KVAC
I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH
UL60950-1, TUV EN60950-1 approved, Design refer to IEC60601-1, EN60335-1, EN61558-1/-2-16
3.3V
EMC IMMUNITY
EMC EMISSION
LEAKAGE CURRENT
< 0.25mA/277VAC
File Name:IRM-01-SPEC 2016-12-03
LEAD EMPERATURE
T
260
,10s (max.)


Similar Part No. - IRM-01-9

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
   1w Output Switching series Power Supply
More results

Similar Description - IRM-01-9

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com