Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDR-30-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HDR-30-12
Description  SUULTRA SLIM DESIGN WITH 35MM(2SU) WIDTH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HDR-30-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HDR-30-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HDR-30-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HDR-30-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HDR-30-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image






℃
℃




H D R - 3 0 series
File Name:HDR-30-SPEC 2016-11-04



 
  

Ultra slim design with 35mm(




ass LPS (Limited power source)

  /
ooling by free air convection (working temperature:-30~+70°C)
DIN rail TS-35/7.5 or 15 mountable
ED indicator for power on


 




Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
o s
UL508
EN61558
UL60950-1
IEC60950-1
30W Ultra Slim Step Shape DIN Rail


Similar Part No. - HDR-30-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-100 MEANWELL-HDR-100 Datasheet
1Mb / 4P
   85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-12 MEANWELL-HDR-100-12 Datasheet
1Mb / 4P
   85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-12N MEANWELL-HDR-100-12N Datasheet
1Mb / 4P
   85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-15 MEANWELL-HDR-100-15 Datasheet
1Mb / 4P
   85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-15N MEANWELL-HDR-100-15N Datasheet
1Mb / 4P
   85 ~ 100W Ultra Slim Step Shape DIN Rail
More results

Similar Description - HDR-30-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
   Slim profile design
logo
Knowles Electronics
2403-260-00071 KNOWLES-2403-260-00071 Datasheet
450Kb / 18P
   Extremely slim design with only 2.5mmheight
logo
A-Data Technology
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
   Portable-slim design
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
   Slim compact design
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
List of Unclassifed Man...
STX-3150-5C ETC2-STX-3150-5C Datasheet
1,019Kb / 2P
   3.5mm Jack Slim Design with Switch PCB Mount
logo
Kycon, Inc.
STX3150 KYCON-STX3150 Datasheet
628Kb / 1P
   3.5mm Jack Slim Design with Switch PCB Mount
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com