Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDL-65 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # FDL-65
Description  CONSTANT CURRENT MODE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

FDL-65 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  FDL-65 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. FDL-65 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. FDL-65 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. FDL-65 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. FDL-65 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
File Name:FDL-65-SPEC 2016-10-25
65W Constant Current Mode LED Driver
FDL-65 series
BLOCK DIAGRAM
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
PWM fosc : 60~130KHz
O.V.P.
CASE GROUND
DRIVING METHODS OF LED MODULE
※ This series works in constant current mode to directly drive the LEDs.
Typical output current normalized by rated current (%)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
100
60
(min.)
50
100
Io(%)
Constant
Current area
Hiccup
Protection


Similar Part No. - FDL-65

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FDL-24-K MSYSTEM-FDL-24-K Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-K/Q MSYSTEM-FDL-24-K/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L MSYSTEM-FDL-24-L Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L/Q MSYSTEM-FDL-24-L/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-P MSYSTEM-FDL-24-P Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FDL-65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com