Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFT-SCB016SG2SSAAMSSZ Datasheet(PDF) 2 Page - SICK AG

Part # PFT-SCB016SG2SSAAMSSZ
Description  PRESSURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PFT-SCB016SG2SSAAMSSZ Datasheet(HTML) 2 Page - SICK AG

  PFT-SCB016SG2SSAAMSSZ Datasheet HTML 1Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 2Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 3Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 4Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 5Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 6Page - SICK AG PFT-SCB016SG2SSAAMSSZ Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PFT-SCB016SG2SSAAMSSZ | PFT
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PFT-SCB016SG2SSAAMSSZ
6038791
Other models and accessories
www.sick.com/PFT
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Compound pressure
Measuring range
–1 bar ... 15 bar
Process temperature
–30 °C ... +100 °C
Output signal
4 mA ... 20 mA, 2-wire
Performance
Non-linearity
≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 0.5 % of the span = ± 0.25% of span (optional for pressure ranges = 0.25 bar). Applies
inclusive of non-linearity, hysteresis, non-repeatability, zero point and full scale error (corre-
sponds to error of measurement as per IEC 61298-2) calibrated in vertical installation position
= ± 0.25% of span (optional for pressure ranges = 0.25 bar). Applies inclusive of non-linearity,
hysteresis, non-repeatability, zero point and full scale error (corresponds to error of measure-
ment as per IEC 61298-2) calibrated in vertical installation position
Non-repeatability
≤ ± 0.1 % of the span
Response time (10 % ... 90 %)
≤ 1 ms ≤ 10 ms at medium temperatures below < –30°C for pressure ranges up to 25 bar or
with flush-mounted membrane
Long-term drift/one-year stability
≤ ± 0.2 % of span (at reference conditions)
Temperature coefficient in rated tempera-
ture range
Mean TC of zero: ≤ 0.2 % of span / 10 K (< 0.4 % for pressure ranges ≤ 0.25 bar), Mean TC of
span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +80 °C
Service life
Minimum 10 Mio. life cycles
Mechanics/electronics
Process connection
G ¼ female
Wetted parts
Standard memrane: Stainless steel 1.4571, stainless steel 1.4534 for measuring ranges >
25 bar
Internal transmission fluid
Synthetic oil (Not available for version with standard membrane for pressure ranges > 25 bar)
Pressure port
Standard
Housing material
Stainless steel 1.4571
Electrical connection
Round connector M12 x 1, 4-pin, IP 67
Supply voltage
10 V DC ... 30 V DC
14 V DC ... 30 V DC with output signal 0 V ... 10 V
2
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - PFT-SCB016SG2SSAAMSSZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
PFT-SCB016SG2SSAVMSSZ SICK-PFT-SCB016SG2SSAVMSSZ Datasheet
817Kb / 7P
   PRESSURE SENSORS
More results

Similar Description - PFT-SCB016SG2SSAAMSSZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com