Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKG32KC0G3A562J335AJ Datasheet(PDF) 1 Page - TDK Electronics

Part # CKG32KC0G3A562J335AJ
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG32KC0G3A562J335AJ Datasheet(HTML) 1 Page - TDK Electronics

  CKG32KC0G3A562J335AJ Datasheet HTML 1Page - TDK Electronics CKG32KC0G3A562J335AJ Datasheet HTML 2Page - TDK Electronics CKG32KC0G3A562J335AJ Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multilayer Ceramic Chip Capacitors
1 of 3
Creation Date : January 18, 2017 (GMT)
CKG32KC0G3A562J335AJ
TDK item description CKG32KC0G3A562JT****
Applications
Automotive Grade
Feature
High
High Voltage (1000V and over)
Mega
MEGACAP Type
AEC-Q200
AEC-Q200
Series
CKG32K(3225) [EIA 1210]
Status
Production (Not Recommended for New Design)
Size
Length(L)
3.60mm ±0.30mm
Width(W)
2.60mm ±0.30mm
Thickness(T)
3.35mm ±0.10mm
Recommended Land Pattern (PA)
2.00mm to 2.20mm
Recommended Land Pattern (PB)
1.10mm to 1.30mm
Recommended Land Pattern (PC)
2.30mm to 2.50mm
Electrical Characteristics
Capacitance
5.6nF ±5%
Rated Voltage
1kVDC
Temperature Characteristic
C0G(0±30ppm/°C)
Q (Min.)
1000
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Reflow
AEC-Q200
Yes
Packing
Blister (Plastic)Taping [180mm Reel]
Package Quantity
1000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - CKG32KC0G3A562J335AJ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG32KC0G3A102J335AH TDK-CKG32KC0G3A102J335AH Datasheet
207Kb / 3P
   Multilayer Ceramic Chip Capacitors
CKG32KC0G3A102J335AJ TDK-CKG32KC0G3A102J335AJ Datasheet
135Kb / 3P
   Multilayer Ceramic Chip Capacitors
CKG32KC0G3A103J335AH TDK-CKG32KC0G3A103J335AH Datasheet
206Kb / 3P
   Multilayer Ceramic Chip Capacitors
CKG32KC0G3A103J335AJ TDK-CKG32KC0G3A103J335AJ Datasheet
135Kb / 3P
   Multilayer Ceramic Chip Capacitors
CKG32KC0G3A122J335AH TDK-CKG32KC0G3A122J335AH Datasheet
112Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG32KC0G3A562J335AJ

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com